Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFR12C40D Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # NFR12C40D
Description  12.0 Ampere Negative Polarity Common Anode Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

NFR12C40D Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  NFR12C40D Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. NFR12C40D Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
12.0
10.0
100
1.3
1.7
0.98
35
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 6.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
¬
Low forward voltage drop
¬
Fast switching for high efficiency
¬
High current capability
¬
Case:ITO-220AB Isolated/Insulated
¬
High surge current capability
¬
Weight: 2.2 gram approximately
¬
Polarity:As marked on diode body
method 208
¬
Mounting position: Any
¬
Terminals: Solderable per MIL-STD-202
Mechanical Data
¬
Low reverse leakage current
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
¬
Epoxy: UL 94V-0 rate flame retardant
Unit : inch (mm)
®
NFR12C20A thru NFR12C60A
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
NFR12C20A thru NFR12C60A
Pb
12.0 Ampere Negative Polarity Common Anode Fast Recovery Rectifier
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "A"
Suffix "D"
Suffix "C"
NFR12C20C
NFR12C20A
NFR12C20D
NFR12C40C
NFR12C40A
NFR12C40D
ITO-220AB
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
NFR12C60C
NFR12C60A
NFR12C60D


Similar Part No. - NFR12C40D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
NFR12C40D THINKISEMI-NFR12C40D Datasheet
611Kb / 2P
   12.0 Ampere Positive Polarity Common Cathode Fast Recovery Rectifier
NFR12C40D THINKISEMI-NFR12C40D Datasheet
294Kb / 2P
   12.0 Ampere Heatsink Dual Doubler Polarity Fast Recovery Rectifiers
More results

Similar Description - NFR12C40D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
NFR12C60A THINKISEMI-NFR12C60A Datasheet
611Kb / 2P
   12.0 Ampere Negative Polarity Common Anode Fast Recovery Rectifier
F12C20A THINKISEMI-F12C20A Datasheet
635Kb / 2P
   12.0 Ampere Common Anode Fast Recovery Rectifier Diodes
F12A20CT THINKISEMI-F12A20CT Datasheet
624Kb / 2P
   12.0 Ampere Common Anode Fast Recovery Rectifier Diodes
NFR12C20C THINKISEMI-NFR12C20C Datasheet
611Kb / 2P
   12.0 Ampere Positive Polarity Common Cathode Fast Recovery Rectifier
FRF1220A THINKISEMI-FRF1220A Datasheet
276Kb / 2P
   12.0 Ampere Insulated Dual Common Anode Fast Recovery Rectifiers
MUR1220CTR THINKISEMI-MUR1220CTR Datasheet
617Kb / 2P
   12.0 Ampere Heatsink Dual Common Anode Fast Recovery Rectifiers
NFR12C20A THINKISEMI-NFR12C20A_V01 Datasheet
293Kb / 2P
   12.0 Ampere Heatsink Dual Common Anode Fast Recovery Rectifiers
MURF1220CTR THINKISEMI-MURF1220CTR Datasheet
628Kb / 2P
   12.0 Ampere Isolated Dual Common Anode Fast Recovery Rectifiers
F12C20A THINKISEMI-F12C20A_V01 Datasheet
337Kb / 2P
   12.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
U12C20A THINKISEMI-U12C20A_18 Datasheet
272Kb / 2P
   12.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com