Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-007921-002SMB Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007921-002SMB
Description  High Power GaAs SPDT Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007921-002SMB Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASW-007921-002SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007921-002SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007921-002SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007921-002SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-007921-002SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-007921-002SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-007921-002SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
High Power GaAs SPDT Switch
DC - 7.0 GHz
Rev. V1
MASW-007921
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Lead Free 2 mm 8-lead PDFN
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.


Similar Part No. - MASW-007921-002SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-007921-002SMB MA-COM-MASW-007921-002SMB Datasheet
165Kb / 6P
   High Power GaAs SPDT Switch DC - 7.0 GHz
More results

Similar Description - MASW-007921-002SMB

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2014-001 FILTRONIC-FMS2014-001 Datasheet
184Kb / 7P
   High Power GaAs SPDT Switch
logo
M/A-COM Technology Solu...
MASW-007921 MA-COM-MASW-007921 Datasheet
165Kb / 6P
   High Power GaAs SPDT Switch
MASWSS0161 MA-COM-MASWSS0161_14 Datasheet
667Kb / 4P
   High Power GaAs SPDT Switch
logo
Filtronic Compound Semi...
FMS2014QFN FILTRONIC-FMS2014QFN Datasheet
187Kb / 6P
   High Power GaAs SPDT Switch
logo
M/A-COM Technology Solu...
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
   GaAs SPDT 2.7 V High Power Switch
MASWSS0117_V3 MA-COM-MASWSS0117_V3 Datasheet
143Kb / 3P
   GaAs SPDT 2.7 V High Power Switch
MASWSS0181 MA-COM-MASWSS0181_15 Datasheet
661Kb / 4P
   GaAs SPDT 2.5 V High Power Switch
MASW-008853 MA-COM-MASW-008853_15 Datasheet
598Kb / 4P
   GaAs SPDT 2.7 V High Power Switch
MASWSS0204_V3 MA-COM-MASWSS0204_V3 Datasheet
142Kb / 3P
   GaAs SPDT 2.7 V High Power Switch
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
   GaAs SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com