Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-000936-14000T Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000936-14000T
Description  PIN Diode SPDT 120 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000936-14000T Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASW-000936-14000T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000936-14000T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000936-14000T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000936-14000T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000936-14000T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000936-14000T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-000936-14000T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-000936-14000T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PIN Diode SPDT 120 Watt Switch for
0.05 - 6.0 GHz Higher Power Applications
Rev. V3
MASW-000936
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Application Schematic8
Component
Value
Package
C1-C3
22 pF
0603
C4-C6
27 pF
0603
L1-L4
68 nH
0603
R1, R2
137 Ω
0603
Parts List
PCB Footprint
N/C
N/C
TX
GND
GND
N/C
GND
GND
N/C
N/C
N/C
N/C
RX
ShD RX Bias
ANT
GND
1
Antenna
Port
TX
Port
RX
Port
DC TX
Bias
DC ShD RX
Bias
DC RX
Bias
R1
L1
C4
C2
L2
C5
L4
C7
C3
L3
C6
C1
R2
8. Adding an LC network to pin 12 can improve RX performance
between 2.0 and 2.7 GHz but may limit performance above 3
GHz. For broadband applications M/A-COM Technology
Solutions recommends not using pin 12 and not connecting it
to any metal trace.


Similar Part No. - MASW-000936-14000T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000936 MA-COM-MASW-000936 Datasheet
176Kb / 7P
   PIN Diode SPDT 120 Watt Switch
More results

Similar Description - MASW-000936-14000T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
255Kb / 12P
   HMICTM PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000834_13560T MA-COM-MASW-000834_13560T_15 Datasheet
817Kb / 14P
   HMIC PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
Tyco Electronics
MASW-000822-12770T MACOM-MASW-000822-12770T Datasheet
215Kb / 10P
   HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
M/A-COM Technology Solu...
MASW-000822-12770T MA-COM-MASW-000822-12770T_15 Datasheet
812Kb / 6P
   HMIC PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-1277OT MA-COM-MASW-000822-1277OT Datasheet
215Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
209Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK_09 Datasheet
770Kb / 16P
   SPDT Switch for 0.05 GHz to 6.0 GHz
UPG2415T6X CEL-UPG2415T6X Datasheet
434Kb / 10P
   0.05 to 6.0 GHz SPDT SWITCH
UPG2415T6X CEL-UPG2415T6X_09 Datasheet
434Kb / 10P
   0.05 to 6.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
MASW-000936 MA-COM-MASW-000936 Datasheet
176Kb / 7P
   PIN Diode SPDT 120 Watt Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com