Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAV-007088 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAV-007088
Description  PIN Diode Based Variable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAV-007088 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAV-007088 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAV-007088 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAV-007088 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAV-007088 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAV-007088 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PIN Diode Based Variable
Attenuator, 50 - 1000 MHz
Rev. V2
MAAV-007088
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
Attenuation vs. Control Voltage @ 500 MHz
Insertion Loss vs. Frequency @ Control Voltage = 10V
Typical Performance Curves
Attenuation vs. Frequency @ Control Voltage = 0V
-60
-55
-50
-45
-40
-35
-30
50
335
620
905
Frequency (MHz)
-45
-35
-25
-15
-5
0
1
2
3
4
5
6
7
8
9
10
Control Voltage (V)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
50
335
620
905
Frequency (MHz)


Similar Part No. - MAAV-007088

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAV-007088-000100 MACOM-MAAV-007088-000100 Datasheet
214Kb / 3P
   PIN Diode Based Variable Attenuator 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
   PIN Diode Based Variable
MAAV-007088-000100 MA-COM-MAAV-007088-000100_15 Datasheet
78Kb / 4P
   PIN Diode Based Variable Attenuator
logo
Tyco Electronics
MAAV-007088-0001TB MACOM-MAAV-007088-0001TB Datasheet
214Kb / 3P
   PIN Diode Based Variable Attenuator 50 - 1000 MHz
More results

Similar Description - MAAV-007088

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
   PIN Diode Based Variable
MAAV-007088-000100 MA-COM-MAAV-007088-000100_15 Datasheet
78Kb / 4P
   PIN Diode Based Variable Attenuator
logo
Tyco Electronics
AT10-0019 MACOM-AT10-0019_1 Datasheet
195Kb / 3P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MACOM-MAAV-007088-000100 Datasheet
214Kb / 3P
   PIN Diode Based Variable Attenuator 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
logo
Tyco Electronics
AT10-0019 MACOM-AT10-0019 Datasheet
220Kb / 2P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0019 MA-COM-AT10-0019 Datasheet
77Kb / 4P
   PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
   HMIC PIN Diode Variable Attenuator
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
   HMIC PIN Diode Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T_15 Datasheet
620Kb / 5P
   HMIC PIN Diode Variable Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com