Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR-51-07-08 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # AR-51-07-08
Description  GPS-Disciplined Rubidium Clock
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

AR-51-07-08 Datasheet(HTML) 5 Page - Vectron International, Inc

  AR-51-07-08 Datasheet HTML 1Page - Vectron International, Inc AR-51-07-08 Datasheet HTML 2Page - Vectron International, Inc AR-51-07-08 Datasheet HTML 3Page - Vectron International, Inc AR-51-07-08 Datasheet HTML 4Page - Vectron International, Inc AR-51-07-08 Datasheet HTML 5Page - Vectron International, Inc AR-51-07-08 Datasheet HTML 6Page - Vectron International, Inc AR-51-07-08 Datasheet HTML 7Page - Vectron International, Inc AR-51-07-08 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vectron Interna onal • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 5 of 8
Performance Specifica ons (con nued)
Mechanical ICD
Electrical ICD
Connector
I/O
J1 - Supply
OUT
J2 - Signals
TOD TTL/100K ohm x 5
OUT
1 PPS PTTI x 5
OUT
1 PPS RS-422 x 4
OUT
1 PPS TTL/50 ohm x 1
OUT
Aux RS-422 x 1
IN/OUT
CLI RS-232 x 1
IN/OUT
1PPS ICD-GPS-060 x 1
IN
TOD TTL/100K ohm x 1
IN
MUX-Bus Address
IN
Overall BIT
OUT
GPS crypto keys
IN/OUT
J3 - MUXBUS
MIL-STD-1553RT, Female
IN/OUT
J4 - 10MHz OUT
Sine-wave, 8 ±3dBm, 50Ω, SMA, Female
OUT
J5 - 1PPS OUT
TTL/50 ohm, SMA, Female
OUT
J6 - ANT IN
L1/L2, TNC, 50Ω, Female
IN
J7 - AUX OUT
1PPS TTL/50 ohm (RAW), SMA, Female,
OUT
Rev 1.0 Oct 2014


Similar Part No. - AR-51-07-08

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
More results

Similar Description - AR-51-07-08

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-76 VECTRON-AR-76 Datasheet
731Kb / 10P
   GPS-Disciplined Rubidium/OCXO Clock
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
logo
Advanced XTAL Products
AXGPS5050 AXTAL-AXGPS5050 Datasheet
168Kb / 4P
   Compact GPS-Disciplined OCXO 10.000 MHz
logo
IQD Frequency Products ...
LFRBXO059244 IQD-LFRBXO059244 Datasheet
302Kb / 2P
   Rubidium
logo
Advanced XTAL Products
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
   GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
IQD Frequency Products ...
IQRB-2 IQD-IQRB-2 Datasheet
205Kb / 2P
   Rubidium Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com