Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71745DSET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71745DSET
Description  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71745DSET Datasheet(HTML) 1 Page - Texas Instruments

  TPS71745DSET Datasheet HTML 1Page - Texas Instruments TPS71745DSET Datasheet HTML 2Page - Texas Instruments TPS71745DSET Datasheet HTML 3Page - Texas Instruments TPS71745DSET Datasheet HTML 4Page - Texas Instruments TPS71745DSET Datasheet HTML 5Page - Texas Instruments TPS71745DSET Datasheet HTML 6Page - Texas Instruments TPS71745DSET Datasheet HTML 7Page - Texas Instruments TPS71745DSET Datasheet HTML 8Page - Texas Instruments TPS71745DSET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
80
70
60
50
40
30
20
10
0
10
100k
10M
Frequency (Hz)
1k
10k
100
1M
C
= 1 F
C
= 10 nF
m
OUT
NR
150 mA
10 mA
75 mA
Power-Supply Rejection Ratio (V
V
= 1 V)
IN
OUT
-
TPS717xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
1 F
m
Ceramic
0.01 F
m
(Optional)
1 F
m
Ceramic
V
EN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS717
SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016
TPS717
Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
1
1 Features
1
Input Voltage: 2.5 V to 6.5 V
Available in Multiple Output Versions:
Fixed Output with Voltages from 0.9 V to 5 V
Adjustable Output Voltage from 0.9 V to 6.2 V
Ultra-High PSRR:
70 dB at 1 kHz, 67 dB at 100 kHz, and
45 dB at 1 MHz
Excellent Load and Line Transient Response
Very Low Dropout: 170 mV typical at 150 mA
Low Noise: 30
μVRMS typical (100 Hz to 100 kHz)
Small 5-pin SC-70, 2-mm × 2-mm WSON-6, and
1.5-mm × 1.5-mm WSON-6 Packages
2 Applications
Camera Sensor Power
Mobile Phone Handsets
PDAs and Smartphones
Wireless LAN, Bluetooth®
3 Description
The TPS717 family of low-dropout (LDO), low-power
linear
regulators
offers
very
high
power-supply
rejection (PSRR) while maintaining very low 45-
μA
ground
current
in
an
ultra-small,
five-pin
SOT
package. The family uses an advanced BiCMOS
process and a PMOS pass device to achieve fast
start-up, very low noise, excellent transient response,
and excellent PSRR performance. The TPS717 is
stable with a 1-
μF ceramic output capacitor and uses
a precision voltage reference and feedback loop to
achieve a worst-case accuracy of 3% over all load,
line, process, and temperature variations. The device
family is fully specified from TJ = –40°C to 125°C and
is offered in a small SOT (SC70-5) package, a
2-mm × 2-mm WSON-6 package with a thermal pad,
and a 1.5-mm × 1.5-mm WSON-6 package, which
are ideal for small form factor portable equipment
(such as wireless handsets and PDAs).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS717
SC70 (5)
2.00 mm × 1.25 mm
WSON (6)
2.00 mm × 2.00 mm
WSON (6)
1.50 mm × 1.50 mm
(1) For all available package and voltage options, see the
orderable addendum at the end of the datasheet.
Typical Application Circuit for Fixed-Voltage
Versions
PSRR vs Frequency


Similar Part No. - TPS71745DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71745DSET TI-TPS71745DSET Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71745DSET TI-TPS71745DSET Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71745DSET TI1-TPS71745DSET Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71745DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com