Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE8508 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8508
Description  50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 30 dB From 8 GHz to 12 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8508 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8508_13 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8508_13 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8508_13 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 30 dB From 8 GHz to 12 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 30 dB From 8 GHz to 12
GHz PE8508
URL: http://www.pasternack.com/50-ohm-sma-noise-source-output-30-db-8000-mhz-12000-mhz-pe8508-p.aspx
PE8508
PE8508 REV 01
50 Ohm SMA High Power Noise Source With A Noise
Output ENR Of 30 dB From 8 GHz to 12 GHz


Similar Part No. - PE8508_13

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8508 PASTERNACK-PE8508 Datasheet
251Kb / 1P
   SMA MALE TO SMA FEMALE HIGH OUTPUT NOISE GENERATOR, FREQUENCY RANGE: 8 TO 12 GHz
More results

Similar Description - PE8508_13

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8503 PASTERNACK-PE8503_13 Datasheet
208Kb / 3P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 8 GHz to 12 GHz
PE8507 PASTERNACK-PE8507_13 Datasheet
216Kb / 3P
   50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 32.5 dB From 4 GHz to 8 GHz
PE8504 PASTERNACK-PE8504_13 Datasheet
208Kb / 3P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 12 GHz to 18 GHz
PE8502 PASTERNACK-PE8502_13 Datasheet
207Kb / 3P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 4 GHz to 8 GHz
PE8506 PASTERNACK-PE8506_13 Datasheet
248Kb / 2P
   50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 32.5 dB From 2 GHz to 4 GHz
PE8505 PASTERNACK-PE8505_13 Datasheet
215Kb / 3P
   50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 32.5 dB From 1 GHz to 2 GHz
PE8500 PASTERNACK-PE8500_13 Datasheet
241Kb / 3P
   50 Ohm BNC Medium Power Noise Source Power Noise Source With A Noise Output ENR Of 15.5 dB From 1 GHz to 2 GHz
PE85N1022 PASTERNACK-PE85N1022 Datasheet
391Kb / 5P
   50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 1 GHz to 18 GHz
PE85N1003 PASTERNACK-PE85N1003 Datasheet
413Kb / 6P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 26 dB From 10 MHz to 6 GHz
PE85N1006 PASTERNACK-PE85N1006 Datasheet
405Kb / 6P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz to 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com