Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVR-0104 Datasheet(PDF) 1 Page - Level One

Part # NVR-0104
Description  4-CH Network Video Recorder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

NVR-0104 Datasheet(HTML) 1 Page - Level One

  NVR-0104 Datasheet HTML 1Page - Level One NVR-0104 Datasheet HTML 2Page - Level One NVR-0104 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
4-CH Network Video
Recorder
NVR-0104
H/W Version: 2
The LevelOne Network Video Recorder (NVR) is a
reliable surveillance system with an easy set up
functionality. It enables live recording and playback
for up to 4 network cameras via the local area network
(LAN) or over the Internet simultaneously.
This system is compatible with most network cameras,
with no specific hardware or software requirement.
Just plug the NVR into the LAN connected device
(switch or router) and with a few clicks, it will search
and configure each connected network cameras
instantly. This high-performing NVR is cost-effective
and it offers a completed monitoring solution.
Smartphone real-time viewing, event display on
e-map/Google map, video/schedule recording and
playback are all standard features for the LevelOne
NVR-0104.
Moreover, it equipped a HDMI connector interface for
connect the NVR directly to a HDMI capable device
such as HDTV or HD monitor, with Full HD resolution
and H.264/MJPEG/MPEG4 compression. The LevelOne
NVR-0104 is a powerful tool that well suited for small
scale applications such as retail store, office or home
surveillance needs.
Enhanced Multi-Server Management
We aim to offer you the most versatile and
comprehensive surveillance solutions. Our free
bundled NVR management software coming with
the NVR allows you to cascade up to 16 NVR servers
located in different sites and monitor up to 256
IP cameras simultaneously from a single point of
management. Thus easing administration tasks while
maximizing efficiency and performance.
Key Features
- 2 x 3.5 inch disk slot (SATA I/II, up to 2 x 2TB)
- Manage and control up to 4 network cameras
- Supports 1080p HDMI local display
- Compression: H.264/MPEG-4 Part 2/MJPEG
- Resolution: Full HD/megapixel/FD1/CIF/QCIF
- Supports smart camera search and 2-way audio
- Supports PTZ/preset point/preset sequence
- Motion detect and event display on e-map/Google
map
- Supports iPhone/smartphone/PDA remote viewing
over the Internet
- Display mode: Live view/playback/full screen
- Remote controller included
- Free Bundled NVR management software for
manage up to 16 NVR devices
WCS-0050
150Mbps Wireless Megapixel
Network Camera
Works Well With
1. HDD LEDs
2. Remote Control IR Receiver
3. USB Connector
4. Power Button
5. Reset Button
6. Composite Audio
7. Composite Video
8. System Fan
9. USB Connector
10. HDMI Connector
11. Ethernet
12. Power Connector
1
2
5
6
7
3
4
8
9
10
11
12
FCS-1122
Megapixel PoE Network Camera


Similar Part No. - NVR-0104

ManufacturerPart #DatasheetDescription
logo
Level One
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
   Network Video Recorder
NVR-0204 LVL1-NVR-0204 Datasheet
915Kb / 3P
   Supports smart camera search and 2-way audio
NVR-0316 LVL1-NVR-0316 Datasheet
485Kb / 3P
   16-Channel Network Video Recorder
More results

Similar Description - NVR-0104

ManufacturerPart #DatasheetDescription
logo
Level One
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
   Network Video Recorder
NVR-12 LVL1-NVR-12 Datasheet
773Kb / 3P
   Network Video Recorder
NVR-0316 LVL1-NVR-0316 Datasheet
485Kb / 3P
   16-Channel Network Video Recorder
logo
AAEON Technology
VPC-3300S AAEON-VPC-3300S Datasheet
396Kb / 2P
   In-Vehicle Network Video Recorder Platform with Intel
VPC-5500S AAEON-VPC-5500S Datasheet
460Kb / 2P
   In-Vehicle Network Video Recorder Platform with Intel
VPC-5600S AAEON-VPC-5600S Datasheet
185Kb / 1P
   Fanless In-Vehicle Network Video Recorder with Intel Processor
logo
Advantech Co., Ltd.
MIC-730IVA ADVANTECH-MIC-730IVA Datasheet
584Kb / 2P
   8ch AI Network Video Recorder on NVIDIA Jetson® Xavier
6-Sep-2022
logo
Panasonic Semiconductor
DMR-ES10EB PANASONIC-DMR-ES10EB Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
AG-TL500 PANASONIC-AG-TL500 Datasheet
102Kb / 1P
   VHS Time-Lapse Video Cassette Recorder
logo
Advantech Co., Ltd.
NVS-160 ADVANTECH-NVS-160_13 Datasheet
315Kb / 2P
   Embedded Video Recorder with PoE Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com