Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POW-2430 Datasheet(PDF) 5 Page - Level One

Part # POW-2430
Description  5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Single-Mode Fiber, 30km, 126W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

POW-2430 Datasheet(HTML) 5 Page - Level One

  POW-2430 Datasheet HTML 1Page - Level One POW-2430 Datasheet HTML 2Page - Level One POW-2430 Datasheet HTML 3Page - Level One POW-2430 Datasheet HTML 4Page - Level One POW-2430 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
POW-4840
Industrial Power Supply, 120W, 48VDC, DIN-Rail, PoE Ready
POW-4850
Industrial Power Supply, 48VDC, 240W, DIN-Rail, PoE Ready
POW-4860
Industrial Power Supply, 48VDC, 480W, DIN-Rail, PoE Ready
POW-5510
Industrial Power Supply, 55VDC, 85W, DIN-Rail
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 5 of 5


Similar Part No. - POW-2430

ManufacturerPart #DatasheetDescription
logo
Level One
POW-2430 LVL1-POW-2430 Datasheet
214Kb / 1P
   75W 24VDC Industrial Power Supply, DIN-rail -10 to 60C
POW-2430 LVL1-POW-2430 Datasheet
904Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 126W
POW-2430 LVL1-POW-2430 Datasheet
865Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Multi-Mode Fiber, 2km, 126W
POW-2430 LVL1-POW-2430 Datasheet
903Kb / 5P
   5-Port Industrial Fast Ethernet Switch
More results

Similar Description - POW-2430

ManufacturerPart #DatasheetDescription
logo
Level One
IFP-0501 LVL1-IFP-0501 Datasheet
904Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 126W
IFP-0502 LVL1-IFP-0502 Datasheet
865Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Multi-Mode Fiber, 2km, 126W
IFP-0504 LVL1-IFP-0504 Datasheet
894Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x ST Multi-Mode Fiber, 2km, 126W
FEP-0511 LVL1-FEP-0511 Datasheet
303Kb / 3P
   5-Port Fast Ethernet PoE Switch, 65W, 802.3at PoEplus, 4 PoE Outputs
IFS-0503 LVL1-IFS-0503 Datasheet
905Kb / 5P
   5-Port Industrial Fast Ethernet Switch, 1 x SC Single-Mode Fiber, 30km
GEP-0522 LVL1-GEP-0522 Datasheet
195Kb / 3P
   5-Port Gigabit PoE Switch, 65W, 802.3at PoEplus, 4 PoE Outputs
FEP-1611 LVL1-FEP-1611_16 Datasheet
357Kb / 3P
   16-Port Fast Ethernet PoE Switch, 240W, 802.3at PoEplus
GEP-0812 LVL1-GEP-0812 Datasheet
418Kb / 3P
   8-Port Gigabit PoE Switch, 61.6W, 802.3at PoEplus, 4 PoE Outputs
IES-0610 LVL1-IES-0610 Datasheet
1Mb / 4P
   6-Port Industrial Gigabit PoE Switch, 802.3at PoEplus, 4 PoE Outputs, 1 x SFP, 1 x SFP/RJ45 Combo, -40C to 75C, DIN-Rail
GEP-2650 LVL1-GEP-2650 Datasheet
94Kb / 3P
   26-Port Web Smart Gigabit PoE Switch, 802.3at PoEplus, 24 PoE Outputs, 370W, 2 x SFP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com