Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6120BEY Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6120BEY
Description  Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120BEY Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6120BEY Datasheet HTML 6Page - Sipex Corporation SP6120BEY Datasheet HTML 7Page - Sipex Corporation SP6120BEY Datasheet HTML 8Page - Sipex Corporation SP6120BEY Datasheet HTML 9Page - Sipex Corporation SP6120BEY Datasheet HTML 10Page - Sipex Corporation SP6120BEY Datasheet HTML 11Page - Sipex Corporation SP6120BEY Datasheet HTML 12Page - Sipex Corporation SP6120BEY Datasheet HTML 13Page - Sipex Corporation SP6120BEY Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Date: 5/25/04
SP6120B Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2004 Sipex Corporation
TIME
3% Low
Enable Voltage
V(VCC)
0V
SWN
Voltage
V(VCC)
0V
FAULT
Reset Voltage
V(VCC)
0V
Inductor Current
ILOAD
0V
Error Amplifier
Reference
Voltage
0V
1.25V
VOUT = V(Eamp REF)* (1+RF/RI)
SS Voltage
0V
0.25V
0.7V
2.0V
2.4V
dVSS/dt = 50µA/CSS
V(ISP) - V(ISN)
0V
250mV
V(VCC)
0V
0V
2.0V
SS Voltage
FAULT Voltage
2.4V
43mV
As the figure shows, the SS voltage controls a
variety of signals. First, provided all the external
fault conditions are removed, the fault latch is reset
and the SS cap begins to charge. When the SS
voltage reaches around 0.3V, the error amp refer-
ence begins to track the SS voltage while maintain-
ing the 0.3V differential. As the SS voltage reaches
0.7V, the driver begins to switch the high side and
low side MOSFETs with narrow pulses in an
effort to keep the converter output regulated. As
the error amp reference ramps upward, the driver
pulses widen until a steady state value is reached.
The “bump” in the inductor current transfer curve
is indicative of excess charge current incurred due
to the finite propagation delay of the controller.
When the SS voltage reaches 2.0V, the second-
ary loop including the 3% window comparator
is enabled. Lastly, the SS voltage is clamped at
2.4V, ending the soft start charge cycle.
Hiccup Mode
When the converter enters a fault mode, the
driver holds the high side and low side MOSFETs
off for a finite period of time. Provided the part
is enabled, this time is set by the discharge of the
SS capacitor. The discharge time is roughly 10
times the charge interval thereby giving the
power supply plenty of time to cool during an
over current fault. The driver off-time is pre-
dominantly determined by the discharge time.
Restart will occur just like a normal soft start
cycle.
However, if a fault occurs during the soft start
charge cycle, the FAULT latch is immediately
set, turning off the high side and low side
MOSFETs. The MOSFETs remain off during
the remainder of the charge cycle and subse-
quent discharge cycle of the SS capacitor. Again,
provided there are no external fault conditions,
the FAULT latch will be reset when the SS
voltage reaches 250 mV.
Over Current Protection
The SP6120B over current protection scheme is
designed to take advantage of three popular
detection schemes: Sense Resistor, Trace Resis-
tor or Inductor Sense. Because the detection
threshold is only 43mV, both trace resistor and
inductor sense become attractive protection
schemes. The inductor sense scheme adds no
additional dc loss to the converter and is an
excellent alternative to Rdson based schemes;


Similar Part No. - SP6120BEY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
216Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
logo
Exar Corporation
SP6120 EXAR-SP6120 Datasheet
220Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller
logo
Sipex Corporation
SP6120CY SIPEX-SP6120CY Datasheet
145Kb / 13P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
More results

Similar Description - SP6120BEY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
   High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123 SIPEX-SP6123 Datasheet
154Kb / 18P
   Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A_05 Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6120 EXAR-SP6120 Datasheet
220Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller
logo
Sipex Corporation
SP6122 SIPEX-SP6122 Datasheet
131Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com