Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54040ADGQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54040ADGQR
Description  Step-Down DC-DC Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54040ADGQR Datasheet(HTML) 1 Page - Texas Instruments

  TPS54040ADGQR Datasheet HTML 1Page - Texas Instruments TPS54040ADGQR Datasheet HTML 2Page - Texas Instruments TPS54040ADGQR Datasheet HTML 3Page - Texas Instruments TPS54040ADGQR Datasheet HTML 4Page - Texas Instruments TPS54040ADGQR Datasheet HTML 5Page - Texas Instruments TPS54040ADGQR Datasheet HTML 6Page - Texas Instruments TPS54040ADGQR Datasheet HTML 7Page - Texas Instruments TPS54040ADGQR Datasheet HTML 8Page - Texas Instruments TPS54040ADGQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
0
10
20
30
40
50
60
70
80
0
0.1
0.2
0.3
0.4
Load Current - A
100
90
0.5
V = 12 V,
V = 5.0 V,
f
= 700 kHz
I
O
sw
PH
VIN
GND
BOOT
VSENSE
COMP
TPS54040A
EN
RT /CLK
SS /TR
PWRGD
V
IN
VIN
V
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS54040A
SLVSB58B – MARCH 2012 – REVISED JANUARY 2016
TPS54040A 0.5-A, 42-V Step-Down DC-DC Converter With Eco-Mode™
1 Features
3 Description
The TPS54040A device is a 42 V, 0.5 A, step down
1
3.5 V to 42 V Input Voltage Range
regulator with an integrated high side MOSFET.
200-m
Ω High-Side MOSFET
Current
mode
control
provides
simple
external
High Efficiency at Light Loads with a Pulse
compensation and flexible component selection. A
Skipping Eco-mode™
low ripple pulse skip mode reduces the no load,
regulated input supply current to 116
μA. Using the
Tighter Enable Threshold than TPS54040
enable pin, shutdown supply current is nominally 1.3
for More Accurate UVLO Voltage
μA when the enable pin is low.
Adjustable UVLO Voltage and Hysteresis
Under voltage lockout is internally set at 2.5 V, but
116
μA Operating Quiescent Current
can be increased using the enable pin. The output
1.3
μA Shutdown Current
voltage startup ramp is controlled by the slow start
100 kHz to 2.5 MHz Switching Frequency
pin that can also be configured for sequencing or
tracking. An open drain power good signal indicates
Synchronizes to External Clock
when the output is within 94% to 107% of its nominal
Adjustable Slow Start/Sequencing
voltage.
UV and OV Power Good Output
A wide switching frequency range allows efficiency
0.8-V Internal Voltage Reference
and external component size to be optimized.
Available in MSOP-10 and VSON-10 Packages
Frequency fold back and thermal shutdown protects
the part during an overload condition.
Supported by WEBENCH® and SwitcherPro™
Software Tool
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
MSOP-PowerPAD
2 Applications
3.00 mm × 3.00 mm
(10)
TPS54040A
12-V and 24-V Industrial and Commercial Low
VSON (10)
3.00 mm × 3.00 mm
Power Systems
(1) For all available packages, see the orderable addendum at
Aftermarket Auto Accessories: Video, GPS,
the end of the data sheet.
Entertainment
SPACER
Simplified Schematic
Efficiency vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS54040ADGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54040ADGQR TI1-TPS54040ADGQR Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
More results

Similar Description - TPS54040ADGQR

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com