Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71710DCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71710DCKR
Description  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71710DCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS71710DCKR Datasheet HTML 2Page - Texas Instruments TPS71710DCKR Datasheet HTML 3Page - Texas Instruments TPS71710DCKR Datasheet HTML 4Page - Texas Instruments TPS71710DCKR Datasheet HTML 5Page - Texas Instruments TPS71710DCKR Datasheet HTML 6Page - Texas Instruments TPS71710DCKR Datasheet HTML 7Page - Texas Instruments TPS71710DCKR Datasheet HTML 8Page - Texas Instruments TPS71710DCKR Datasheet HTML 9Page - Texas Instruments TPS71710DCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
TPS717
SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TPS717
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Minimum VIN = VOUT + VDO or 2.5 V, whichever is greater.
(2)
Does not include external resistor tolerances.
(3)
VDO is not measured for devices with VOUT(nom) < 2.6 V because the minimum VIN is 2.5 V.
(4)
Maximum VEN(high) = VIN + 0.3 or 6.5 V, whichever is smaller.
6.5 Electrical Characteristics
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.5 V, whichever is greater; IOUT =
0.5 mA, VEN = VIN, COUT = 1.0 μF, CNR = 0.01 μF, unless otherwise noted. For TPS71701, VOUT = 2.8 V. Typical values are at
TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.5
6.5
V
VFB
Feedback pin voltage (TPS71701)
IOUT = 5 mA
–2%
0.793
2%
V
VOUT
Output voltage range
(TPS717xx)
0.9
5.0
V
(TPS71701)
0.9
6.5 – VDO
VOUT
Output accuracy
Nominal
TJ = 25°C
±2.5
mV
Output accuracy
(VOUT < 1.0 V)
Over VIN, IOUT,
temperature(2)
VOUT + 0.5 V ≤ VIN ≤ 6.5 V
0 mA
≤ IOUT ≤ 150 mA
–30
30
Output accuracy
(VOUT ≥ 1.0 V)
Over VIN, IOUT,
temperature(2)
VOUT + 0.5 V ≤ VIN ≤ 6.5 V
0 mA
≤ IOUT ≤ 150 mA
–3.0%
3.0%
ΔVOUT(ΔVIN)
Line regulation(1)
VOUT(nom) + 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 5 mA
125
µV/V
ΔVOUT(ΔIOUT)
Load regulation
0 mA
≤ IOUT ≤ 150 mA
70
µV/mA
VDO
Dropout voltage(3)
(VIN = VOUT(nom) – 0.1 V)
IOUT = 150 mA
170
300
mV
ILIM (fixed)
Output current limit (fixed output)
VOUT = 0.9 × VOUT(nom)
200
325
575
mA
ILIM (adjustable)
Output current limit (TPS71701)
VOUT = 0.9 × VOUT(nom)
200
325
575
mA
IGND
Ground pin current
IOUT = 0.1 mA
45
80
μA
IOUT = 150 mA
100
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4 V,
TJ = –40°C to
85°C
2.5 V
≤ VIN < 4.5 V
0.20
1.5
μA
4.5 V
≤ VIN ≤ 6.5 V
0.90
IFB
Feedback pin current (TPS71701)
0.02
1.0
μA
PSRR
Power-supply rejection ratio
VIN = 3.8 V,
VOUT = 2.8 V,
IOUT = 150 mA
f = 100 Hz
70
dB
f = 1 kHz
70
f = 10 kHz
67
f = 100 kHz
67
f = 1 MHz
45
Vn
Output noise voltage
BW = 100 Hz to
100 kHz,
VIN = 3.8 V,
VOUT = 2.8 V,
IOUT = 10 mA
CNR = none
95 × VOUT
μVRMS/V
CNR = 0.001 μF
25 × VOUT
CNR = 0.01 μF
12.5 × VOUT
CNR = 0.1 μF
11.5 × VOUT
tSTR
Startup time
VOUT = 90%
VOUT(nom),
RL = 19 Ω,
COUT = 1 μF
0.9 V
≤ VOUT ≤ 1.6V, CNR
= 0.001
μF
0.700
ms
1.6 V < VOUT < VMAX,
CNR = 0.01 μF
0.160
VEN(high)
Enable high (enabled)
VIN ≤ 5.5 V
1.2
6.5(4)
V
5.5 V < VIN ≤ 6.5 V
1.25
6.5
VEN(low)
Enable low (shutdown)
0
0.4
V
IEN(high)
Enable pin current, enabled
EN = 6.5 V
0.02
1.0
μA
UVLO
Undervoltage lockout
VIN rising
2.45
2.49
V
Hysteresis
VIN falling
150
mV
Tsd
Thermal shutdown temperature
Shutdown, temperature increasing
160
°C
Reset, temperature decreasing
140
TJ
Operating junction temperature
–40
125
°C


Similar Part No. - TPS71710DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71710DCKR TI-TPS71710DCKR Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71710DCKR TI-TPS71710DCKR Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71710DCKR TI-TPS71710DCKR Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71710DCKR TI-TPS71710DCKR Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71710DCKR TI-TPS71710DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71710DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com