Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54060A Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54060A
Description  Step-Down DC?밆C Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54060A Datasheet(HTML) 1 Page - Texas Instruments

  TPS54060A_16 Datasheet HTML 1Page - Texas Instruments TPS54060A_16 Datasheet HTML 2Page - Texas Instruments TPS54060A_16 Datasheet HTML 3Page - Texas Instruments TPS54060A_16 Datasheet HTML 4Page - Texas Instruments TPS54060A_16 Datasheet HTML 5Page - Texas Instruments TPS54060A_16 Datasheet HTML 6Page - Texas Instruments TPS54060A_16 Datasheet HTML 7Page - Texas Instruments TPS54060A_16 Datasheet HTML 8Page - Texas Instruments TPS54060A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
PH
VIN
GND
BOOT
VSENSE
COMP
TPS54060A
EN
RT /CLK
SS /TR
PWRGD
V
IN
VIN
V
OUT
0
10
20
30
40
50
60
70
80
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Load Current (A)
100
90
0.45
0.5
C033
V = 12 V
V = 3.3 V
ƒ
= 500 kHz
I
O
sw
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS54060A
SLVSB57C – MARCH 2012 – REVISED JANUARY 2016
TPS54060A 0.5-A, 60-V Step-Down DC–DC Converter With Eco-Mode™
1
1 Features
3.5V to 60V Input Voltage Range
3 Description
The TPS54060A device is a 60V, 0.5A, step down
200-m
Ω High-Side MOSFET
regulator with an integrated high side MOSFET.
High Efficiency at Light Loads with a Pulse
Current
mode
control
provides
simple
external
Skipping Eco-Mode™
compensation and flexible component selection. A
Tighter Enable Threshold than TPS54060
low ripple pulse skip mode reduces the no load,
for More Accurate UVLO Voltage
regulated output supply current to 116
μA. Using the
enable pin, shutdown supply current is reduced to
Adjustable UVLO Voltage and Hysteresis
1.3
μA, when the enable pin is low.
116
μA Operating Quiescent Current
Under voltage lockout is internally set at 2.5V, but
1.3
μA Shutdown Current
can be increased using the enable pin. The output
100kHz to 2.5MHz Switching Frequency
voltage startup ramp is controlled by the slow start
Synchronizes to External Clock
pin
that
can
also
be
configured
for
sequencing/tracking. An open drain power good
Adjustable Slow Start/Sequencing
signal indicates the output is within 94% to 107% of
UV and OV Power Good Output
its nominal voltage.
0.8-V Internal Voltage Reference
A wide switching frequency range allows efficiency
MSOP-10 and 3mm x 3mm VSON-10 Package
and external component size to be optimized.
With PowerPAD™
Frequency fold back and thermal shutdown protects
Supported by WEBENCH® and SwitcherPro™
the part during an overload condition.
Software Tool
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HVSSOP (10)
3.00 mm × 3.00 mm
12-V, 24-V and 48-V Industrial and Commercial
TPS54060A
VSON (10)
3.00 mm × 3.00 mm
Low Power Systems
Aftermarket Auto Accessories: Video, GPS,
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Entertainment
Simplified Schematic
Efficiency vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS54060A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
More results

Similar Description - TPS54060A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061-Q1 TI1-TPS54061-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com