Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54040A Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54040A
Description  Step-Down DC-DC Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54040A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54040A_16 Datasheet HTML 4Page - Texas Instruments TPS54040A_16 Datasheet HTML 5Page - Texas Instruments TPS54040A_16 Datasheet HTML 6Page - Texas Instruments TPS54040A_16 Datasheet HTML 7Page - Texas Instruments TPS54040A_16 Datasheet HTML 8Page - Texas Instruments TPS54040A_16 Datasheet HTML 9Page - Texas Instruments TPS54040A_16 Datasheet HTML 10Page - Texas Instruments TPS54040A_16 Datasheet HTML 11Page - Texas Instruments TPS54040A_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
-3
-2.5
-2
-1.5
-1
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
-1
-0.95
-0.9
-0.85
-0.8
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
V
= Threshold-50mV
I
I(EN)
1.10
1.20
1.30
1.40
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
-4.25
-4
-3.75
-3.5
-3.25
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
V
= Threshold+50mV
I
I(EN)
50
70
90
110
130
150
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
10
20
30
40
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
TPS54040A
SLVSB58B – MARCH 2012 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Figure 7. EA Transconductance During Slow Start vs
Figure 8. EA Transconductance vs Junction Temperature
Junction Temperature
Figure 9. EN Pin Voltage vs Junction Temperature
Figure 10. EN Pin Current vs Junction Temperature
Figure 11. EN Pin Current vs Junction Temperature
Figure 12. SS/TR Charge Current vs Junction Temperature
8
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: TPS54040A


Similar Part No. - TPS54040A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
More results

Similar Description - TPS54040A_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com