Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22920 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS22920
Description  On-Resistance, Integrated Load Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22920 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22920_16 Datasheet HTML 7Page - Texas Instruments TPS22920_16 Datasheet HTML 8Page - Texas Instruments TPS22920_16 Datasheet HTML 9Page - Texas Instruments TPS22920_16 Datasheet HTML 10Page - Texas Instruments TPS22920_16 Datasheet HTML 11Page - Texas Instruments TPS22920_16 Datasheet HTML 12Page - Texas Instruments TPS22920_16 Datasheet HTML 13Page - Texas Instruments TPS22920_16 Datasheet HTML 14Page - Texas Instruments TPS22920_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0
500
1000
1500
2000
2500
0
1
2
3
4
V
IN (V)
-40C
25C
85C
C018
0
200
400
600
800
1000
1200
1400
0
0.5
1
1.5
2
2.5
3
3.5
4
V
IN (V)
-40C
25C
85C
C017
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
V
IN (V)
-40C
25C
85C
C018
C
L= 0.1µF, RL = 10
, V
ON = 3.6V
11
TPS22920, TPS22920L
www.ti.com
SLVSAY8D – JUNE 2011 – REVISED JANUARY 2016
Product Folder Links: TPS22920 TPS22920L
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
TPS22920L Typical AC Characteristics (continued)
Figure 30. tD vs VIN
Figure 31. tOFF vs VIN
Figure 32. tON vs VIN
VIN = 0.9 V
CIN = 1 µF
RL = 10 Ω
TA = 25°C
CL = 0.1 µF
Figure 33. Turn-On Response
VIN = 0.9 V
CIN = 1 µF
RL = 10 Ω
TA = 25°C
CL = 0.1 µF
Figure 34. Turn-Off Response
VIN = 0.9 V
CIN = 10 µF
RL = 10 Ω
TA = 25°C
CL = 1 µF
Figure 35. Turn-On Response


Similar Part No. - TPS22920_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920_14 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
More results

Similar Description - TPS22920_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
[Old version datasheet]   52Ohm On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_14 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com