Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM53600NQDSXRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM53600NQDSXRQ1
Description  Automotive Step Down DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53600NQDSXRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM53600NQDSXRQ1 Datasheet HTML 2Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 3Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 4Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 5Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 6Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 7Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 8Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 9Page - Texas Instruments LM53600NQDSXRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
LM53600-Q1, LM53601-Q1
SNAS660B – JUNE 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM53600-Q1 LM53601-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
7.4 Thermal Information
THERMAL METRIC(1)
LM53600-Q1,
LM53601-Q1
UNIT
DSX (WSON)
10 PINS
RθJA
Junction -to-ambient thermal resistance
46.2
°C/W
RθJC
Junction -to-case (top) thermal resistance
31.5
°C/W
RθJB
Junction -to-board thermal resistance
20.9
°C/W
φJT
Junction- to-top characterization parameter
0.3
°C/W
φJB
Junction-to-board characterization parameter
21.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.1
°C/W
7.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature range of –40°C to 150°C, unless otherwise noted.
Minimum and maximum limits are ensured through test, design or statistical correlation. Typical values represent the most
likely parametric norm at Tj = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: Vin = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Initial output voltage accuracy
Vin= 3.8 V to 36 V Tj=25°C, Open
Loop
–1%
1%
Vin= 3.8 V to 36 V, Open Loop
–1.5%
1.5%
IQ
Operating quiescent current;
measured at VIN pin
Vin= 13.5 V, Not switching Vbias= 5 V
6.5
µA
Vin= 13.5 V, Not switching Vbias= 5
V, Tj= 85°C
16
IB
Bias current into BIAS pin for
adjustable versions and FB pin
for fixed versions
Vin= 13.5 V, Not switching Vbias= 5
V, Mode = 0 V
46
80
ISD
Shutdown quiescent current;
measured at VIN pin
EN = 0, VIN = 13.5 V Tj = 25°C
1.8
µA
EN = 0, VIN = 13.5 V Tj = 85°C
3
Vin_UVLO
Minimum input voltage to
operate
Rising
3.2
3.6
3.75
V
Vin_UVLO _hyst
Minimum input voltage
hysteresis
Hysteresis
0.2
0.3
0.35
V
Vreset_OV
RESET upper threshold
voltage
Rising, % of Vout
105%
106.5%
110%
Vreset_UV
RESET lower threshold
voltage
Falling, % Vout
92%
94%
97%
Vreset_guard
Magnitude of RESET lower
threshold difference from
steady state output voltage
Steady state output voltage and
RESET threshold read at the same
TJ, and VIN
3.9%
Vreset_hyst
RESET hysteresis as a
percent of output voltage set
point
1%
Vreset_valid
Minimum input voltage for
proper RESET function
50 µA pull-up to RESET pin, EN = 0
V, Tj = 25°C
1.5
V
VOL
Low level RESET function
output voltage
50 µA pull-up to RESET pin, Vin =
1.5 V, EN = 0 V, Tj = 25°C
0.4
V
0.5mA pull-up to RESET pin, Vin =
13.5 V, EN = 0 V
0.4
1mA pull-up to RESET pin, Vin =
13.5 V, EN = 3.3 V
0.4


Similar Part No. - LM53600NQDSXRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53600NQDSXRQ1 TI-LM53600NQDSXRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

Similar Description - LM53600NQDSXRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com