Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM53600MQDSXRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM53600MQDSXRQ1
Description  Automotive Step Down DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53600MQDSXRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LM53600MQDSXRQ1 Datasheet HTML 1Page - Texas Instruments LM53600MQDSXRQ1 Datasheet HTML 2Page - Texas Instruments LM53600MQDSXRQ1 Datasheet HTML 3Page - Texas Instruments LM53600MQDSXRQ1 Datasheet HTML 4Page - Texas Instruments LM53600MQDSXRQ1 Datasheet HTML 5Page - Texas Instruments LM53600MQDSXRQ1 Datasheet HTML 6Page - Texas Instruments LM53600MQDSXRQ1 Datasheet HTML 7Page - Texas Instruments LM53600MQDSXRQ1 Datasheet HTML 8Page - Texas Instruments LM53600MQDSXRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
LM53600-Q1, LM53601-Q1
www.ti.com
SNAS660B – JUNE 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM53600-Q1 LM53601-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
A maximum of 42 V can be sustained at this pin for a duration of
≤100 ms at a duty cycle of ≤1%.
(2)
A voltage of 2-V below GND and 2-V above VIN can appear on this pin for
≤200 ns with a duty cycle of ≤ 0.01%.
(3)
Do not exceed pin’s voltage rating.
(4)
This specification applies to voltage durations of 1 µs or less. The maximum D.C. voltage should not exceed ±0.3 V.
7 Specifications
7.1 Absolute Maximum Ratings
over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted)
MIN
MAX
UNIT
VIN to GND(1)
–0.3
42
V
SW to GND(2)
–0.3
VIN+0.3
BOOT to SW
–0.3
3.6
EN to GND (1)
–0.3
42
BIAS to GND: LM53600-Q1/LM53601-Q1-ADJ
–0.3
16
FB to GND : LM53600-Q1/LM53601-Q1 - 3.3 V, LM53600-Q1/LM53601-Q1 - 5.0 V
–0.3
16
FB to GND : LM53600-Q1/LM53601-Q1-ADJ
–0.3
5.5
RESET to GND
–0.3
8
RESET sink current(3)
8
mA
SYNC/MODE to GND(1)
–0.3
42
V
VCC
–0.3
3.6
GND(4) to AGND (Fixed version only)
–1
2
Storage temperature, Tstg
–40
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per AEC Q100-002(1)
VIN, SW, CBOOT
±2000
V
EN, BIAS, RESET, FB, SYNC,
PWM, VCC
±2000
Charged device model (CDM), per AEC Q100-011
Other pins
±750
Corner pins (1, 5, 6, and 10)
±750
(1)
An extended input voltage range to 3.55 V is possible; see System Characteristics. See input UVLO in Electrical Characteristics for
startup conditions.
(2)
Output voltage should not be allowed to fall below 0 V during normal operation.
(3)
The LM53600-Q1 and LM53601-Q1 devices can operate outside of the listed range output voltage range. For output voltage outside of
the listed range, contact Texas Instruments concerning alternate application circuit BOM and additional operational limitations such as
higher IQ.
(4)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
7.3 Recommended Operating Conditions
over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage range after startup(1)
3.8
36
V
Output voltage range
5 V(2)
0
5.5
V
3.3 V(2)
0
3.63
Output adjustment range(3)for LM53600-Q1-ADJ (2), LM53601-Q1-ADJ(2)
3.3
6
V
Load current range
LM53600-Q1
0
650
mA
LM53601-Q1
0
1000
Junction temperature(4)
–40
150
°C


Similar Part No. - LM53600MQDSXRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53600MQDSXRQ1 TI-LM53600MQDSXRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

Similar Description - LM53600MQDSXRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com