Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38691-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38691-ADJ
Description  500-mA Low-Dropout CMOS Linear Regulators Stable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38691-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LP38691-ADJ_16 Datasheet HTML 1Page - Texas Instruments LP38691-ADJ_16 Datasheet HTML 2Page - Texas Instruments LP38691-ADJ_16 Datasheet HTML 3Page - Texas Instruments LP38691-ADJ_16 Datasheet HTML 4Page - Texas Instruments LP38691-ADJ_16 Datasheet HTML 5Page - Texas Instruments LP38691-ADJ_16 Datasheet HTML 6Page - Texas Instruments LP38691-ADJ_16 Datasheet HTML 7Page - Texas Instruments LP38691-ADJ_16 Datasheet HTML 8Page - Texas Instruments LP38691-ADJ_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LP38693
-ADJ
IN
OUT
GND
1 PF
*
1 PF
*
VOUT
VIN
R1
R2
VEN
EN
ADJ
LP38691
-ADJ
IN
OUT
GND
1 PF
*
1 PF
*
VOUT
VIN
R1
R2
ADJ
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP38691-ADJ, LP38693-ADJ, LP38691-ADJ-Q1, LP38693-ADJ-Q1
SNVS324K – JANUARY 2005 – REVISED JANUARY 2016
LP3869x-ADJ/Q1 500-mA Low-Dropout CMOS Linear Regulators
Stable With Ceramic Output Capacitors
1
1 Features
1
Wide Input Voltage Range: 2.7 V to 10 V
All WSON Options are Available as AEC-Q100
Grade 1
Output Voltage Range: 1.25 V to 9 V
2% Adjust (ADJ) Pin Voltage Accuracy (25°C)
Low Dropout Voltage: 250 mV at 500 mA
(Typical, 5-V Out)
Precision (Trimmed) Bandgap Reference
Ensured Specs for –40°C to +125°C
1-µA Off-State Quiescent Current
Thermal Overload Protection
Foldback Current Limiting
Ground (GND) Pin Current: 55 µA (Typical) at Full
Load
Enable (EN) Pin (LP38693-ADJ)
2 Applications
Hard Disk Drives
Notebook Computers
Battery-Powered Devices
Portable Instrumentation
3 Description
The
LP3869x-ADJ
low-dropout
CMOS
linear
regulators provide 2% precision reference voltage,
extremely low dropout voltage (250 mV at 500-mA
load current, VOUT = 5 V), and excellent AC
performance
using
ultra-low
equivalent
series
resistance (ESR) ceramic output capacitors.
The low thermal resistance of the WSON and SOT-
223 packages allow use of the full operating current
even in high ambient temperature environments.
The use of a PMOS power transistor means that no
DC base drive current is required to bias it, thus
allowing the GND-pin current to remain below 100 µA
regardless of load current, input voltage, or operating
temperature.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP38691-ADJ
WSON (6)
3.00 mm × 3.00 mm
LP38693-ADJ
SOT-223 (5)
6.50 mm × 3.56 mm
WSON (6)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuits
VOUT = VADJ × (1 + R1/R2)
* Minimum value required for stability


Similar Part No. - LP38691-ADJ_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results

Similar Description - LP38691-ADJ_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691 TI1-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
LP38691 TI-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
List of Unclassifed Man...
B4500 ETC-B4500 Datasheet
64Kb / 6P
   500 mA Low Dropout Voltage Regulators
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
   600mA CMOS Low-Dropout Linear Regulators
logo
Toshiba Semiconductor
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com