Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM53600-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM53600-Q1
Description  Automotive Step Down DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53600-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM53600-Q1 Datasheet HTML 4Page - Texas Instruments LM53600-Q1 Datasheet HTML 5Page - Texas Instruments LM53600-Q1 Datasheet HTML 6Page - Texas Instruments LM53600-Q1 Datasheet HTML 7Page - Texas Instruments LM53600-Q1 Datasheet HTML 8Page - Texas Instruments LM53600-Q1 Datasheet HTML 9Page - Texas Instruments LM53600-Q1 Datasheet HTML 10Page - Texas Instruments LM53600-Q1 Datasheet HTML 11Page - Texas Instruments LM53600-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
LM53600-Q1, LM53601-Q1
SNAS660B – JUNE 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM53600-Q1 LM53601-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature range of –40°C to 150°C, unless otherwise noted.
Minimum and maximum limits are ensured through test, design or statistical correlation. Typical values represent the most
likely parametric norm at Tj = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: Vin = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vcc_UVLO_hyst
Input under voltage lock-out
hysteresis
Hysteresis below Vcc_uvlo
190
mV
IFB
Input current from FB to AGND LM53600-Q1-ADJ, FB = 1 V
20
nA
Vref
Reference voltage for ADJ
option only
Tj = 25°C
0.993
1
1.007
V
0.985
1
1.015
RRESET
Rdson of RESET output
50
120
Ω
TSD
Thermal shutdown rising
threshold(1)
151
167
185
°C
TSDF
Thermal shutdown falling
threshold(1)
140
157
TSD_hyst
Thermal shutdown
hysteresis(1)
10
Dmax
Maximum switch duty cycle(1)
Fsw = 2.1 MHz
76%
While in frequency fold back
96%
(1)
125°C is worst case temperature for load regulation. Layout is critical since adjustable option does not have an AGND terminal.
(2)
See Auto Mode Operation and IQ_VIN in Detailed Description for the meaning of this specification and how it can be calculated.
7.6 System Characteristics
The following specifications are ensured by design provided that the component values in the typical application circuit are
used. These parameters are not ensured by production testing. Limits apply over the recommended operating junction
temperature range of –40°C to +150°C, unless otherwise noted. Minimum and Maximum limits are ensured through test,
design or statistical correlation. Typical values represent the most likely parametric norm at Tj = 25°C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: Vin = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vin_min
Minimum input voltage for full
functionality at 500-mA load, after
start-up
VOUT = 3.3 V
3.55
V
Minimum input voltage for full
functionality at 100% of max rated
load, after start-up
VOUT = 3.3 V
3.8
V
Vout_3_3V
Output voltage for 3.3-V option
VIN = 4.0 V to 36 V, IOUT = Maximum
recommended load current
3.23
3.3
3.37
V
VIN = 3.8 V to 36 V, IOUT=100 µA to
100 mA, typical value in Auto Mode
3.23
3.33
3.39
Vout_5V
Output voltage for 5-V option
VIN = 5.8 V to 36 V, IOUT = Maximum
recommended load current
4.9
5
5.1
V
VIN = 5.5 V to 36 V, IOUT=100 µA to
100 mA, typical value in Auto Mode
4.9
5.05
5.125
Vout_ADJ
Output voltage ADJ option
VIN = VOUT + 0.6 V to 36 V, IOUT =
100 mA, FPWM mode
–2%
+2%
VIN = VOUT + 0.6 V to 36 V,
IOUT=100 µA to 100 mA, Auto mode
–2%
+2.5%
Load regulation for ADJ option(1)
VIN = VOUT + 1 V to 36 V, IOUT = 0 A
to 1 A, TJ = 125°C, FPWM mode
–1%
IQ_VIN
(2)
Input current to VIN node of DC/DC
utilizing the LM53600-Q1/LM53601-
Q1
VIN = 13.5 V, VOUT = 3.3 V, IOUT = 0
A
23
µA
VIN = 13.5 V, VOUT = 5 V, IOUT = 0 A
30
VDROP1
Minimum input to output voltage
differential to maintain regulation
accuracy, without inductor DCR drop
VOUT=3.3 V, IOUT=1000 mA, +2/–3%
output accuracy
0.6
V


Similar Part No. - LM53600-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53600-Q1 TI-LM53600-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
LM53600-Q1 TI-LM53600-Q1_15 Datasheet
112Kb / 4P
[Old version datasheet]   LM5360x-Q1 5-V, 3.3-V, and Adjustable Synchronous-Buck 1-A Regulator for Automotive Applications
LM53600-Q1 TI-LM53600-Q1_V01 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

Similar Description - LM53600-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com