Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25037 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM25037
Description  Dual-Mode PWM Controller With Alternating Outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM25037_16 Datasheet HTML 2Page - Texas Instruments LM25037_16 Datasheet HTML 3Page - Texas Instruments LM25037_16 Datasheet HTML 4Page - Texas Instruments LM25037_16 Datasheet HTML 5Page - Texas Instruments LM25037_16 Datasheet HTML 6Page - Texas Instruments LM25037_16 Datasheet HTML 7Page - Texas Instruments LM25037_16 Datasheet HTML 8Page - Texas Instruments LM25037_16 Datasheet HTML 9Page - Texas Instruments LM25037_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LM25037, LM25037-Q1
SNVS572E – JULY 2008 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
VVIN = 12V, VVCC = 10V, RRT1 = 30.1 kΩ, RRT2 = 30.1 kΩ, VUVLO = 3 V, TJ =−40°C to +125° unless otherwise stated.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT RESTART (RES PIN)
VRES
RES threshold
1.9
2
2.2
V
Charge source current
VRES = 1.5 V
14
18
21
µA
Discharge sink current
VRES = 1 V
5
8
11
µA
SOFT-START (SS PIN)
Charging current in normal
ISS
VSS = 0
70
100
130
µA
operation
Charging current during a
VSS = 0
0.6
1
1.4
µA
hiccup mode restart
Soft-stop current sink
VSS = 2 V
70
100
130
µA
OSCILLATOR (RT1 AND RT2 PINS)
DT1
Dead-time 1
RRT2 = 15 kΩ
40
75
105
ns
DT2
Dead-time 2
RRT2 = 50 kΩ
250
ns
Frequency 1 (at OUTA, half
FSW1
RRT1 = 30.1 kΩ, RRT2 = 30.1 kΩ,
178
200
222
kHz
oscillator frequency)
Frequency 2 (at OUTA, half
FSW2
RRT1 = 11 kΩ, RRT2 = 30.1 kΩ,
448
515
578
kHz
oscillator frequency)
DC level
2
V
Input sync threshold
2.5
3
3.4
V
PWM CONTROLLER (COMP PIN)
Delay to output
65
ns
VPWM-OS
SS to RAMP offset
0.7
1
1.2
V
Minimum duty cycle
VSS = 0 V
TJ = 25°C
0%
COMP open-circuit voltage
VFB = 0 V
4.5
4.75
5
V
COMP short-circuit current
VFB = 0 V, COMP = 0 V
0.5
1
1.5
mA
VOLTAGE FEED-FORWARD (RAMP PIN)
RAMP sink impedance
5
20
(clocked)
ERROR AMPLIFIER
GBW
Gain bandwidth
4
MHz
DC gain
75
dB
Input voltage
VFB = COMP
1.22
1.245
1.27
V
COMP sink capability
VFB = 1.5 V COMP = 1 V
TJ = 25°C
5
13
mA
FB bias current
10
nA
MAIN OUTPUT DRIVERS (OUTA and OUTB Pins)
Output high voltage
IOUT = 50 mA, (source)
Vcc-0.5
Vcc-0.25
V
Output low voltage
IOUT = 100 mA (sink)
0.2
0.5
V
Rise time
CLOAD = 1 nF
17
ns
Fall time
CLOAD = 1 nF
18
ns
Peak source current
VVCC = 10 V
1.2
A
Peak sink current
VVCC = 10 V
1.2
A
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
165
°C
Thermal shutdown hysteresis
25
°C
6
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM25037 LM25037-Q1


Similar Part No. - LM25037_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
More results

Similar Description - LM25037_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com