Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6035980 Datasheet(PDF) 2 Page - SICK AG

Part # 6035980
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6035980 Datasheet(HTML) 2 Page - SICK AG

  6035980 Datasheet HTML 1Page - SICK AG 6035980 Datasheet HTML 2Page - SICK AG 6035980 Datasheet HTML 3Page - SICK AG 6035980 Datasheet HTML 4Page - SICK AG 6035980 Datasheet HTML 5Page - SICK AG 6035980 Datasheet HTML 6Page - SICK AG 6035980 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
OD5-85W20 | OD Precision
DISPLACEMENT MEASUREMENT SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
OD5-85W20
6035980
Other models and accessories
www.sick.com/OD_Precision
Detailed technical data
Features
System part
Sensor head
Performance
Measuring range
65 mm ... 105 mm, 6 % ... 90 % remission; at default settings
Resolution
1 µm 1)
Repeatability
3 µm 1)
Linearity
± 20 µm 1)
Response time
0.1 ms 2) 3)
Measuring frequency
10 kHz 3)
Light source
Laser, red
Laser class
2 (EN 60825-1) 4)
Typ. light spot size (distance)
260 µm x 1,200 µm (85 mm)
Additional function
Mean-value setting 1 … 4,096x, selectable measuring frequency (automatic / 0.1 ms ...
3.2 ms), automatic sensitivity adjustment, manual sensitivity adjustment, Mutual interference,
Glass thickness measurement
Note
OD Precision sensor head can be used in combination with AOD5-P/N1 or stand-alone via
RS-422
1) Measurement at 90% remission (ceramic, white), or mirror for OD5-25x; averaging set to: 256 or 4096 for OD5-25x; constant ambient conditions.
2) Time needed for automatic sensitivity adjustment is calculated as: sampling period x 20. At default setting 100 µs (10kHz) this is <= 2ms.
3) Default setting for OD5-350x100 and OD5-500x200 = 0.8 ms, or 1.25 kHz, all others = 0.1 ms/10 kHz.
4) Wavelength: 655 nm, max. output: 1 mW.
Interfaces
Laser-off input
1 x laser-off
Data interface
RS-422
Mechanics/electronics
Supply voltage Vs
DC 12 V ... 24 V 1)
Warm-up time
≤ 5 min
Housing material
Aluminum housing with glass lens
Connection type
0.5 m cable with connector 2)
Indication
LEDs, 4'' color display on optional evaluation unit
1) DC 12 V (–5 %) ... DC 24 V (+10 %)
2) Can be extended to up to 50 m with extension cable.
3) Includes 0.5 m cable.


Similar Part No. - 6035980

ManufacturerPart #DatasheetDescription
logo
SICK AG
6035981 SICK-6035981 Datasheet
850Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6035982 SICK-6035982 Datasheet
850Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6035984 SICK-6035984 Datasheet
671Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6035985 SICK-6035985 Datasheet
671Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6035986 SICK-6035986 Datasheet
277Kb / 4P
   Plug connector cable
More results

Similar Description - 6035980

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com