Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD2-P120W60A0 Datasheet(PDF) 4 Page - SICK AG

Part # OD2-P120W60A0
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

OD2-P120W60A0 Datasheet(HTML) 4 Page - SICK AG

  OD2-P120W60A0 Datasheet HTML 1Page - SICK AG OD2-P120W60A0 Datasheet HTML 2Page - SICK AG OD2-P120W60A0 Datasheet HTML 3Page - SICK AG OD2-P120W60A0 Datasheet HTML 4Page - SICK AG OD2-P120W60A0 Datasheet HTML 5Page - SICK AG OD2-P120W60A0 Datasheet HTML 6Page - SICK AG OD2-P120W60A0 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
OD2-P120W60A0 | OD Value
DISPLACEMENT MEASUREMENT SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Connection type
OD2-xxxxxxA0 OD2-xxxxxxC0 OD2-xxxxxxI0 OD2-xxxxxxU0 connector M12, 8-pin
Connection diagram
L+ (12 ... 24 V)
RXD–
M
RXD+
MF
TXD–
Q2
TXD+
5
6
7
8
brn
wht
blu
blk
gra
pnk
vio
ora
1
2
4
3
1
①  Multifunctional input (MF)
Adjustment possible
OD2-xxxxxxAx
Set
>5 sec
Near-Distance-Far
Run Teach
5
6
7
8
Select
7
Q
2
MF
Avg
⑤  Distance indicator
⑥  Mode indicator (Run/Teach)
⑦  Operating elements
⑧  Status indicator in- and outputs (Run-mode)/menu indicator (Teach-mode)


Similar Part No. - OD2-P120W60A0

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-P120W60A2 SICK-OD2-P120W60A2 Datasheet
410Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - OD2-P120W60A0

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com