Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6030978 Datasheet(PDF) 5 Page - SICK AG

Part # 6030978
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6030978 Datasheet(HTML) 5 Page - SICK AG

  6030978 Datasheet HTML 1Page - SICK AG 6030978 Datasheet HTML 2Page - SICK AG 6030978 Datasheet HTML 3Page - SICK AG 6030978 Datasheet HTML 4Page - SICK AG 6030978 Datasheet HTML 5Page - SICK AG 6030978 Datasheet HTML 6Page - SICK AG 6030978 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AODG-P1 | OD Max
DISPLACEMENT MEASUREMENT SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5
Evaluation unit RS-232C
nc
RXD
TXD
nc
GND
nc
nc
nc
5
6
7
8
1
2
4
3
nc
9
1
1
1
1
1
1
①  Not assigned
Adjustment possible
AOD-xx AODG-xx
7
SELECT
SET/RUN
1
2 3
ADJUST MODE
BANK
LOCK
ZERO
A
ZERO
B
⑦  Operating elements
Recommended accessories
Other models and accessories
www.sick.com/OD_Max
Brief description
Type
Part no.
Adapters and distributors
TERM.-AOD/AODG
6033129
Plug connectors and cables
Head A: female connector, M12, 10-pin, straight
Head B: male connector, M12, 10-pin, straight
Cable: unshielded, 2 m
DSL-1210-G02M
6028943
Head A: female connector, M12, 10-pin, straight
Head B: male connector, M12, 10-pin, straight
Cable: unshielded, 5 m
DSL-1210-G05M
6028944


Similar Part No. - 6030978

ManufacturerPart #DatasheetDescription
logo
SICK AG
6030977 SICK-6030977 Datasheet
461Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
6030979 SICK-6030979 Datasheet
444Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - 6030978

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com