Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-011161-TR0500 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011161-TR0500
Description  4 W Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011161-TR0500 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAP-011161-TR0500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-011161-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-011161-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011161-TR0500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011161-TR0500 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011161-TR0500 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-011161-TR0500 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAP-011161-TR0500 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAP-011161-TR0500 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
4 W Power Amplifier
7.1 - 7.9 GHz
Rev. V1
MAAP-011161
10
10
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
10
Typical Performance Curves: VD = 8 V, IDQ = Various, VG = -0.9 ~ 1.65 V, TA = +25°C
-10
-5
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
Drain Current (mA)
Gain (dB) over Various Frequencies vs. Drain Current (Id),
Vd = 8V, Id = Various (Varied Vg)
Gain @ 7.1GHz
Gain @ 7.5GHz
Gain @ 7.9GHz
20
25
30
35
40
45
50
0
500
1000
1500
2000
2500
3000
Drain Current (mA)
O/P IP3 (dBm) @ Various Frequencies vs. Drain Current (Id),
Vd = 8V, Id = Various (Varied Vg) - Constant Pin = 0dBm
Output IP3 @ 7.1GHz
Output IP3 @ 7.5GHz
Output IP3 @ 7.9GHz
20
25
30
35
40
45
50
0
5
10
15
20
25
Gain (dB)
O/P IP3 (dB) @ Various Frequencies vs. Gain (dB),
Vd = 8V, Id = Various (Varied Vg) - Constant Pin = 0dBm
Gain @ 7.1GHz
Gain @ 7.5GHz
Gain @ 7.9GHz


Similar Part No. - MAAP-011161-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011106 MA-COM-MAAP-011106 Datasheet
1Mb / 6P
   Power Amplifier
MAAP-011139 MA-COM-MAAP-011139 Datasheet
1Mb / 12P
   Power Amplifier, 4 W
MAAP-011139-DIE MA-COM-MAAP-011139-DIE Datasheet
1Mb / 12P
   Power Amplifier, 4 W
MAAP-011139-SMB MA-COM-MAAP-011139-SMB Datasheet
1Mb / 12P
   Power Amplifier, 4 W
MAAP-011139-TR0500 MA-COM-MAAP-011139-TR0500 Datasheet
1Mb / 12P
   Power Amplifier, 4 W
More results

Similar Description - MAAP-011161-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011139 MA-COM-MAAP-011139 Datasheet
1Mb / 12P
   Power Amplifier, 4 W
MAAP-011139-DIE MA-COM-MAAP-011139-DIE Datasheet
1Mb / 12P
   Power Amplifier, 4 W
MAAP-011193 MA-COM-MAAP-011193 Datasheet
1Mb / 9P
   4 W Power Amplifier
logo
NXP Semiconductors
CGY2013G PHILIPS-CGY2013G Datasheet
86Kb / 12P
   GSM 4 W power amplifier
1998 Jan 23
logo
M/A-COM Technology Solu...
MAAP-015016 MA-COM-MAAP-015016 Datasheet
1Mb / 10P
   Ka-Band 4 W Power Amplifier
MAAP-015016 MA-COM-MAAP-015016_15 Datasheet
867Kb / 11P
   Ka-Band 4 W Power Amplifier
logo
Hitachi Semiconductor
HA13122 HITACHI-HA13122 Datasheet
192Kb / 7P
   DUAL 4 W AIUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1015 PHILIPS-TDA1015 Datasheet
253Kb / 13P
   1 to 4 W audio power amplifier
November 1982
logo
Analog Devices
HMC1121 AD-HMC1121 Datasheet
390Kb / 15P
   4 W, GaAs, pHEMT, MMIC Power Amplifier
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
   4 x 13 W dual/quad power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com