Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-008624 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-008624
Description  High Dynamic Range Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-008624 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAL-008624_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-008624_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-008624_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-008624_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-008624_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High Dynamic Range Low Noise Amplifier
400 - 500 MHz
Rev. V1
MAAL-008624
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Features
 Low Noise Figure: 0.9 dB
 High OIP3: +28 dBm at 5 V, 60 mA bias
 High Gain: 21 dB
 Single Supply: +3 to +8 VDC
 Lead-Free SOIC-8 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of MAALSS0025
 Adjustable current: 20 to 80 mA with external
resistor
Description
M/A-COM’s MAAL-008624 is a high dynamic
range, low noise GaAs MMIC amplifier in a low
cost, surface mount package. It employs external
input matching to obtain optimum noise figure
performance and operating frequency flexibility.
The MAAL-008624 also features flexible biasing to
control the current consumption vs. dynamic range
trade-off. The MAAL-008624 can operate from any
supply voltage in the 3 V to 8 V range. Its current
can be controlled over a range of 20 mA to 80 mA
with an external resistor.
The MAAL-008624 is ideally suited for use where
low noise figure, high gain, high dynamic range,
and low power consumption are required. Typical
applications
include
receiver
front
ends
in
CDMA450 base stations. It is also useful as a gain
block, buffer, driver, and IF amplifier in both fixed
and portable cellular and 450 MHz ISM systems.
The MAAL-008624 is fabricated using a low-cost
0.5-micron gate length GaAs process.
The
process features full passivation for increased
performance reliability.
Pin Configuration
Pin No. Pin Name
Description
1
GND
RF and DC Ground
2
REXT
External Current Control (optional)
3
RF IN
RF Input
4
GND
RF and DC Ground
5
GND
RF and DC Ground
6
RF OUT
RF Output
7
VDD
Positive supply voltage
8
GND
RF and DC Ground
Ordering Information1
Part Number
Package
MAAL-008624-000000
Bulk Packaging
MAAL-008624-TR3000
3000 piece reel
Absolute Maximum Ratings 2
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+10 dBm
Current3
120 mA
Channel Temperature4
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. When pin #2 is used to increase current (see note 5).
4. Thermal resistance (
jc) = +88°C/W.
Functional Block Diagram
GND
REXT
GND
RF OUT
VDD
GND
RF IN
GND
GND
REXT
GND
RF OUT
VDD
GND
RF IN
GND
GND
REXT
GND
RF OUT
VDD
GND
RF IN
GND
1. Reference Application Note M513 for reel size information.


Similar Part No. - MAAL-008624_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008624-000000 MACOM-MAAL-008624-000000 Datasheet
151Kb / 4P
   High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
M/A-COM Technology Solu...
MAAL-008624-000000 MA-COM-MAAL-008624-000000 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
logo
Tyco Electronics
MAAL-008624-TR3000 MACOM-MAAL-008624-TR3000 Datasheet
151Kb / 4P
   High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
M/A-COM Technology Solu...
MAAL-008624-TR3000 MA-COM-MAAL-008624-TR3000 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
More results

Similar Description - MAAL-008624_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com