Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02040-15 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # M02040-15
Description  3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02040-15 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M02040-15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
M02040-15
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
5
3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
Rev V4
1.2
Recommended Operating Conditions
1.3
DC Characteristics
VCC = +3.3V ± 7.5% or +5V ± 7.5%, TA = -40°C to +85°C, unless otherwise noted.
Typical specifications are for VCC = 3.3V, TA = 25°C, unless otherwise noted.
Table 1-2.
Recommended Operating Conditions
Parameter
Rating
Units
Power supply: (VCC-GND) (apply no potential to VCC3) or
(VCC3-GND) (connect VCC to same potential as VCC3)
+5V ± 7.5% or +3.3V
± 7.5%
V
Junction temperature
-40 to +110
°C
Operating ambient
-40 to +85
°C
Table 1-3.
DC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Supply Current
Outputs terminated into 50
Ω to VCC
(includes PECL load)
52
61
mA
VOUTLpecl
PECL Output Low Voltage (1)
(PECLP, PECLN)
Single ended; 50
Ω load to VCC-2V
VCC-1.81
VCC-1.71
VCC-1.62
V
VOUTHpecl
PECL Output High Voltage (1)
(PECLP, PECLN)
Single ended; 50
Ω load to VCC-2V
VCC-1.025
VCC-0.952
VCC-0.88
V
RINDIFF
Differential Input Resistance
Measured between DINP and DINN
90
110
130
Ω
VOH_CMOS
LOS Output High Voltage
External 4.7-10 k
Ω pull up to VCC
2.75
VCC
–V
VOL_CMOS
LOS Output Low Voltage
External 4.7-10 k
Ω pull up to VCC
0–
0.4
V
VIH
Logic Input High Voltage
JAM, DC_Servo
2.7
VCC
V
VIL
Logic Input Low Voltage
JAM, DC_Servo
––
0.8
V
RSSIavg
Average received signal strength
indicator range
± 15% accuracy
5
2000
μA
Notes:
1. Limits apply between 0°C to +85°C. Below 0 °C the minimum decreases by up to 40 mV.


Similar Part No. - M02040-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02044CG-31EVM MA-COM-M02044CG-31EVM Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02046-15EVM MA-COM-M02046-15EVM Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02046-25 MA-COM-M02046-25 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
More results

Similar Description - M02040-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com