Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02014 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # M02014
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02014 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02014 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Product Specification
02014-DSH-001-D
Mindspeed Technologies
®
2
Mindspeed Proprietary and Confidential
1.3
DC Characteristics
1.4
AC Characteristics
Table 1-3.
DC Characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Units
VB
Photodiode bias voltage (PINK – PINA)
1.7
2.0
2.2
V
VCM
Common mode output voltage
0.7
1
1.3
V
ICC
Supply current (no loads)
29
38
47
mA
RLOAD
Recommended differential output loading
85
100(1)
NOTES:
1.
100
Ω is the load presented by the limiting amplifier.
Table 1-4.
AC Characteristics
Symbol
Parameter
Condition
Minimum
Typical (1)
Maximum
Units
ROUT
Output impedance (single ended)
30
50
70
LFC
Low frequency cutoff (2)
—3550
kHz
VD
Differential output voltage
100
Ω differential load
225
400
mV
DCD
Duty cycle distortion
2.5 Gbps
50
ps
DJ
Deterministic jitter (includes DCD)
2.5 Gbps, 223 – 1 PRBS
60
psPP
PDJ
Pattern Dependant Jitter (at
crossing point), with no DCD
2.5 Gbps, 223 – 1 PRBS
30
psPP
In, rms
Total input RMS noise
DC to 1.87 GHz (Bessel Filter),
Cin = 0.5 pF
253
350
nA
PIN_mean_min
Optical Sensitivity (3)
26.6
dBm
NOTES:
1.
Die designed to operate over an ambient temperature range (TA) of –40 °C to +95 °C, and VCC range from 3.0–3.6V. Typical values are tested at
TA =25°C and VCC =3.3V.
2.
Input level below AGC threshold.
3.
BER 10–10, PD capacitance = 0.5 pF, Responsivity 0.9 A/W, Extinction Ratio = 10, Temp = 25 °C.


Similar Part No. - M02014

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02015 MA-COM-M02015 Datasheet
354Kb / 29P
   Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
More results

Similar Description - M02014

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
02016-DSH-001-G MA-COM-02016-DSH-001-G Datasheet
323Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02024-BRF-001-A MA-COM-M02024-BRF-001-A Datasheet
83Kb / 2P
   2.5 Gbps High Sensitivity Transimpedance Amplifier with AGC
logo
Texas Instruments
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com