Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02011 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # M02011
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02011 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M02011 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
M02011
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
10
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 622 Mbps
Rev V5
Figure 2-1.
Bare Die Layout
MON
PINA
PINK
V
CC
AGC
DOUT
GND
GND
DOUTGND
1
2
3
4
56
7
8
9
10
11
12
V
CC
DOUT
DOUTGND


Similar Part No. - M02011

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
M02015 MA-COM-M02015 Datasheet
354Kb / 29P
   Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
More results

Similar Description - M02011

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
02016-DSH-001-G MA-COM-02016-DSH-001-G Datasheet
323Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
M02015 MA-COM-M02015 Datasheet
354Kb / 29P
   Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com