Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP490CN Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP490CN
Description  Full Duplex RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP490CN Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP490CN Datasheet HTML 3Page - Sipex Corporation SP490CN Datasheet HTML 4Page - Sipex Corporation SP490CN Datasheet HTML 5Page - Sipex Corporation SP490CN Datasheet HTML 6Page - Sipex Corporation SP490CN Datasheet HTML 7Page - Sipex Corporation SP490CN Datasheet HTML 8Page - Sipex Corporation SP490CN Datasheet HTML 9Page - Sipex Corporation SP490CN Datasheet HTML 10Page - Sipex Corporation SP490CN Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Date: 05/10/04
SP490/491 Full Duplex RS-485 Transceivers
© Copyright 2004 Sipex Corporation
DESCRIPTION
The SP490 and SP491 are full-duplex differential
transceivers that meet the requirements of
RS-485 and RS-422. Fabricated with a Sipex
proprietary BiCMOS process, both products
require a fraction of the power of older bipolar
designs.
The RS-485 standard is ideal for multi-drop
applications or for long-distance interfaces.
RS-485 allows up to 32 drivers and 32 receivers
to be connected to a data bus, making it an ideal
choice for multi-drop applications. Since the
cabling can be as long as 4,000 feet, RS-485
transceivers are equipped with a wide (-7V to
+12V) common mode range to accommodate
ground potential differences. Because RS-485
is a differential interface, data is virtually
immune to noise in the transmission line.
Driver...
The drivers for both the SP490 and SP491 have
differential outputs. The typical voltage output
swing with no load will be 0 volts to +5 volts.
With worst case loading of 54
Ω across the
differential outputs, the driver can maintain
greater than 1.5V voltage levels.
The driver of the SP491 has a driver enable
control line which is active high. A logic high
on DE (pin 4) of the SP491 will enable
the differential driver outputs. A logic low
on DE (pin 4) of the SP491 will tri-state the
driver outputs. The SP490 does not have a
driver enable.
Receiver...
The receivers for both the SP490 and SP491
have differential inputs with an input sensitivity
as low as
±200mV. Input impedance of the
receivers is typically 15K
Ω (12KΩ minimum).
A wide common mode range of -7V to +12V
allows for large ground potential differences
between systems. The receivers for both the
SP490 and SP491 are equipped with the
fail-safe feature. Fail-safe guarantees that
the receiver output will be in a high state when
the input is left unconnected.
The receiver of the SP491 has a receiver
enable control line which is active low. A logic
low on REB (pin 3) of the SP491 will enable
the differential receiver. A logic high on REB
(pin 3) of the SP491 will tri-state the receiver.


Similar Part No. - SP490CN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490CN SIPEX-SP490CN Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
SP490CN SIPEX-SP490CN Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490CN EXAR-SP490CN Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490CN/TR SIPEX-SP490CN/TR Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490CN/TR EXAR-SP490CN/TR Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
More results

Similar Description - SP490CN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com