Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE85N1001 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE85N1001
Description  SMA Calibrated Noise Source Module, Output ENR of 30 dB, 28 VDC, 0.01 MHz to 2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE85N1001 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE85N1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE85N1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE85N1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE85N1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE85N1001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE85N1001 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PE85N1001 REV 1.1
SMA Calibrated Noise Source Module, Output ENR of
30 dB, +28 VDC, 0.01 MHz to 2 GHz
PE85N1001 CAD Drawing


Similar Part No. - PE85N1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1000 PASTERNACK-PE85N1000 Datasheet
729Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 0.01 MHz to 2 GHz
PE85N1002 PASTERNACK-PE85N1002 Datasheet
732Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1003 PASTERNACK-PE85N1003 Datasheet
413Kb / 6P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 26 dB From 10 MHz to 6 GHz
PE85N1003 PASTERNACK-PE85N1003_16 Datasheet
738Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 26 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1004 PASTERNACK-PE85N1004 Datasheet
723Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 1 GHz to 18 GHz
More results

Similar Description - PE85N1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1000 PASTERNACK-PE85N1000 Datasheet
729Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 0.01 MHz to 2 GHz
PE85N1002 PASTERNACK-PE85N1002 Datasheet
732Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1003 PASTERNACK-PE85N1003_16 Datasheet
738Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 26 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1015 PASTERNACK-PE85N1015 Datasheet
732Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 7.2 GHz to 8.4 GHz
PE85N1004 PASTERNACK-PE85N1004 Datasheet
723Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 1 GHz to 18 GHz
PE85N1005 PASTERNACK-PE85N1005 Datasheet
721Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 23 dB, 28 VDC, 1 GHz to 18 GHz
PE85N1014 PASTERNACK-PE85N1014 Datasheet
732Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 3.7 GHz to 4.2 GHz
PE85N1016 PASTERNACK-PE85N1016 Datasheet
408Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 10.7 GHz to 12.7 GHz
PE85N1006 PASTERNACK-PE85N1006_16 Datasheet
717Kb / 7P
   SMA Precision Calibrated Noise Source Module, Output ENR of 14 dB, 28 VDC, 10 MHz to 18 GHz, Calibration Standard
PE85N1007 PASTERNACK-PE85N1007_16 Datasheet
719Kb / 7P
   3.5mm Precision Calibrated Noise Source Module, Output ENR of 13 dB, 28 VDC, 10 MHz to 26 GHz, Calibration Standard
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com