Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-4270 Datasheet(PDF) 1 Page - Level One

Part # SFP-4270
Description  8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-4270 Datasheet(HTML) 1 Page - Level One

  SFP-4270 Datasheet HTML 1Page - Level One SFP-4270 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
LevelOne IES-1085 Industry Ethernet Switch provides 8 802.3af/at
PoE ports of 10/100Base-TX plus 2 1000Base SFP slots to
enable high speed network at mission-critical environment. This device
is designed to be mounted on an industry standard DIN-rail, plus the
clearly visible status LEDs provide simple monitoring of port link activity.
Moreover, the SFP slots support pluggable modules that enabling you to
choose from a variety of transceivers.
High Reliability
All components are built to withstand harsh environment applications
without compromise where humidity, temperature variation and even
shock vibration are concerns, including Electric & Utility, Critical
Infrastructure, Transportation and Surveillance Security. This device
operates under -40 to 75 Celsius (-40 to 167 Fahrenheit) temperature.
Features
- Supports PoE Power Sourcing Equipment (PSE)
- PoE control and scheduling
- Supports α-ring and RSTP/MSTP/STP for Ethernet redundancy
- IP Multicast Filtering through IGMP Snooping V1, V2 & V3
- Supports port-based VLAN and IEEE802.1Q VLAN Tagging and GVRP
- IEEE802.1p QoS with four priority queues
- MAC-based trunking with automatic link fail-over
- RS-232 console, Telnet, SNMP V1, V2c & V3, RMON, Web Browser, and
TFTP Management
- Supports Command Line Interface in RS-232 Console
- Support IEEE802.3ad Link Aggregation Control Protocol
- Supports IEEE802.1x Security
- Bandwidth Rate Control
- Per-port programmable MAC address locking
- Up to 24 Static Secure MAC addresses per port
- Port mirroring
- NTP synchronization
- 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex,
Auto-Negotiation, Auto-MDI/MDIX
- Full wire-speed forwarding rate
- -40°C to 75°C (-40°F to 167°F) operating temperature range, tested for
functional operation @ -40°C to 85°C (-40°F to 185°F)
Resilient Ring Network
Supports Ring topology network providing simple installation and ultra
fast network recovery performance, less than 15ms. Unlike much
the network design and requires less cabling installation. In addition,
fast network recovery time helps minimize system downtime.
Management
IES-1085 supports a variety of management features including: CLI via
Console or Telnet; Graphic User Interface via Web Browser or Simple
Network Management Protocol via SNMP tools. It provides better
visibility and management of those critical assets.
Power over Ethernet
This switch is Power Sourcing Equipment (PSE), and it is fully complied
with IEEE 802.3af & 802.3at PoE standard at maximum 15.4W / 30W
power budget per port. It helps to save infrastructure wiring costs
dramatically by eliminating electric wiring and less UPS needed.
Safety
This device has been tested under UL508 standard for Industrial Control
loaded, with no single failure. It’s highly reliability and safety
environment.
IES-1085
Diagrams
8 x 802.3af/at + 2 GE SFP Managed Switch
-40 to 75C, DIN-rail
Unit: mm
Side
Buttom
Top
Front
71.4
140


Similar Part No. - SFP-4270

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-4270 LVL1-SFP-4270 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (70km, 1550nm, -40 to 85C)
SFP-4270 LVL1-SFP-4270 Datasheet
525Kb / 2P
   6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
SFP-4270 LVL1-SFP-4270 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
SFP-4270 LVL1-SFP-4270 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
SFP-4270 LVL1-SFP-4270 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
More results

Similar Description - SFP-4270

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1084 LVL1-IES-1084 Datasheet
543Kb / 2P
   8 x 802.3af/at plus 2 GE TX Managed Switch -40 to 75C, DIN-rail
IES-1081 LVL1-IES-1081 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-1090 LVL1-IES-1090 Datasheet
1Mb / 2P
   8 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-1080 LVL1-IES-1080 Datasheet
352Kb / 2P
   8 FE plus 2 GE TX Managed Switch -40 to 75C, DIN-rail
IES-0880 LVL1-IES-0880 Datasheet
227Kb / 2P
   8 GE Managed Switch -40 to 75C, DIN-rail
IES-1880 LVL1-IES-1880 Datasheet
1Mb / 2P
   16 FE plus 2 GE Managed Switch -40 to 75C, DIN-rail
IES-1890 LVL1-IES-1890 Datasheet
1Mb / 2P
   16 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-0881 LVL1-IES-0881 Datasheet
439Kb / 2P
   4 x 802.3af plus 2 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
IES-1071 LVL1-IES-1071 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
IES-0821 LVL1-IES-0821 Datasheet
603Kb / 2P
   4 x 802.3af plus 4 FE Unmanaged Switch -40 to 75C, DIN-rail
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com