Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-4270 Datasheet(PDF) 2 Page - Level One

Part # SFP-4270
Description  8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-4270 Datasheet(HTML) 2 Page - Level One

  SFP-4270 Datasheet HTML 1Page - Level One SFP-4270 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
IES-1085
- 8x802.3af/at+2GESFPManagedSwitch-40to75C,DIN-rail
Specications
Optional Accessories
SFP-4200 - 1.25G MMF SFP Transceiver (550m, 850nm, -20 to 85C)
SFP-4210 - 1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
SFP-4240 - 1.25G SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
SFP-4270 - 1.25G SMF SFP Transceiver (70km, 1550nm, -40 to 85C)
SFP-4310 - 1.25G BIDI SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
SFP-4320 - 1.25G BIDI SMF SFP Transceiver (10km, 1550nm, -40 to 85C)
SFP-4330 - 1.25G BIDI SMF SFP Transceiver (20km, 1310nm, -40 to 85C)
SFP-4340 - 1.25G BIDI SMF SFP Transceiver (20km, 1550nm, -40 to 85C)
SFP-4350 - 1.25G BIDI SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
SFP-4360 - 1.25G BIDI SMF SFP Transceiver (40km, 1550nm, -40 to 85C)
SFP-4370 - 1.25G BIDI SMF SFP Transceiver (60km, 1310nm, -40 to 85C)
SFP-4380 - 1.25G BIDI SMF SFP Transceiver (60km, 1550nm, -40 to 85C)
Package Contents
IES-1085
CD Manual / Utility
Quick Installation Guide
www.level1.com
one world_one brand_one level_
Technology
Standards
IEEE802.3 10BASE-T, IEEE802.3u 100BASE-
TX/100BASE-FX, IEEE802.3ab 1000BASE-T,
IEEE802.3z 1000BASE-SX/1000BASE-LX,
IEEE802.3x, IEEE802.1p, IEEE802.1Q, IEEE802.1w,
IEEE802.1x,IEEE802.3af
Forward and
Filtering Rate
14,880pps for 10Mbps
148,810pps for 100Mbps
1,488,100pps for 1000Mbps
Packet Buffer
Memory
2M bits
Processing
Type
Store-and-Forward
Half-duplex back-pressure and IEEE802.3x full-duplex
flow control
Address Table
Size
8192 MAC addresses
Mechanical
Casing
Metal case
IP30
Dimensions
65mm (W) x 145mm (D) x 165mm (H)
(2.56" (W) x 5.71" (D) x 6.5" (H))
Weight
1Kg (2.2lbs.)
Installation
Din-Rail (Top hat type35mm), Wall Mount
Interface
Ethernet Port
10/100BASE-TX (PoE): 8 or 4 ports
100BASE-FX: 0, 2 or 4 ports
Gigabit: 0, 1 or 2 ports
Console Port
Port: One DB9 RS-232 port
LED Indicators
Per Unit: Power Status (Power 1, Power 2, Power 3)
Per Port: PoE (Amber) for 10/100TX,
10/100TX, 100FX: Link/Activity (Green),
Gigabit: Link/Activity (Green)
Power
Power Input
Redundant power inputs:
Terminal Block: 47 - 57VDC
DC Jack: 47 - 57VDC
Power
Consumption
Device: Max. 15W (without PoE)
PoE power budget (depends on power input):
181.6W Max.
PoE Power
Output
Port 1 to 8
IEEE802.3af: up to 15.4W/port, 47 - 57VDC.
IEEE802.3at: up to 30W/port, 50 - 57VDC
Supports overload current protection
Supports reverse polarity protection
Environment
Operating
Temperature
-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 85°C (-40°F to 185°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Ambient
Relative
Humidity
MTBF
5% to 95% (non-condensing)
37.87 years
Regulatory Approvals
ISO
Manufactured in an ISO9001 facility
Safety
UL508
EMI
FCC Part 15, Class A
EN61000-6-4
- EN55022
- EN61000-3-2
- EN61000-3-3
EMS
EN61000-6-2
- EN61000-4-2 (ESD Standards)
Contact: + / - 6KV; Criteria B
Air: + / - 8KV; Criteria B
- EN61000-4-3 (Radiated RFI Standards)
10V/m, 80 to 1000MHz; 80% AM Criteria A
- EN61000-4-4 (Burst Standards)
Signal Ports: + / - 4KV; Criteria B
D.C. Power Ports: + / - 4KV; Criteria B
- EN61000-4-5 (Surge Standards)
Signal Ports: + / - 1KV; Line-to-Line; Criteria B
D.C. Power Ports: + / - 0.5KV; Line-to-Earth; Criteria B
- EN61000-4-6 (Induced RFI Standards)
Signal Ports: 10Vrms @ 0.15 - 80MHz; 80% AM Criteria A
D.C. Power Ports: 10Vrms @ 0.15 - 80MHz; 80% AM
Criteria A
- EN61000-4-8 (Magnetic Field Standards)
30A/m @ 50, 60Hz; Criteria A
Environmental
Test
Compliance
IEC60068-2-6 Fc (Vibration Resistance)
5g @ 10 - 150Hz, Amplitude 0.35mm
(Operation/Storage/Transport)
IEC60068-2-27 Ea (Shock)
25g @ 11ms (Half-Sine Shock Pulse; Operation)
50g @ 11ms (Half-Sine Shock Pulse; Storage/Transport)
IEC60068-2-32 Ed (Free Fall)
1M (3.281ft.)


Similar Part No. - SFP-4270

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-4270 LVL1-SFP-4270 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (70km, 1550nm, -40 to 85C)
SFP-4270 LVL1-SFP-4270 Datasheet
525Kb / 2P
   6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
SFP-4270 LVL1-SFP-4270 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
SFP-4270 LVL1-SFP-4270 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
SFP-4270 LVL1-SFP-4270 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
More results

Similar Description - SFP-4270

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1084 LVL1-IES-1084 Datasheet
543Kb / 2P
   8 x 802.3af/at plus 2 GE TX Managed Switch -40 to 75C, DIN-rail
IES-1081 LVL1-IES-1081 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-1090 LVL1-IES-1090 Datasheet
1Mb / 2P
   8 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-1080 LVL1-IES-1080 Datasheet
352Kb / 2P
   8 FE plus 2 GE TX Managed Switch -40 to 75C, DIN-rail
IES-0880 LVL1-IES-0880 Datasheet
227Kb / 2P
   8 GE Managed Switch -40 to 75C, DIN-rail
IES-1880 LVL1-IES-1880 Datasheet
1Mb / 2P
   16 FE plus 2 GE Managed Switch -40 to 75C, DIN-rail
IES-1890 LVL1-IES-1890 Datasheet
1Mb / 2P
   16 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-0881 LVL1-IES-0881 Datasheet
439Kb / 2P
   4 x 802.3af plus 2 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
IES-1071 LVL1-IES-1071 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
IES-0821 LVL1-IES-0821 Datasheet
603Kb / 2P
   4 x 802.3af plus 4 FE Unmanaged Switch -40 to 75C, DIN-rail
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com