Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IES-1080 Datasheet(PDF) 2 Page - Level One

Part # IES-1080
Description  8 FE plus 2 GE TX Managed Switch -40 to 75C, DIN-rail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

IES-1080 Datasheet(HTML) 2 Page - Level One

  IES-1080 Datasheet HTML 1Page - Level One IES-1080 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
IES-1080
- 8FE+2GETXManagedSwitch-40to75C,DIN-rail
Specications
Package Contents
IES-1080
CD Manual / Utility
Quick Installation Guide
www.level1.com
one world_one brand_one level_
Technology
Standards
IEEE802.3 10BASE-T, IEEE802.3u 100BASE-
TX/100BASE-FX, IEEE802.3ab 1000BASE-T,
IEEE802.3z 1000BASE-SX/1000BASE-LX,
IEEE802.3x, IEEE802.1p, IEEE802.1Q, IEEE802.1w,
IEEE802.1x
Forward and
Filtering Rate
14,880pps for 10Mbps
148,810pps for 100Mbps
1,488,100pps for 1000Mbps
Packet Buffer
Memory
2M bits
Processing
Type
Store-and-Forward
Half-duplex back-pressure and IEEE802.3x full-duplex
Address Table
Size
8192 MAC addresses
Environment
Operating
Temperature
-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 85°C (-40°F to 185°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Ambient
Relative
Humidity
MTBF
5% to 95% (non-condensing)
46.15 years
Regulatory Approvals
ISO
Manufactured in an ISO9001 facility
Safety
UL508
EMI
FCC Part 15, Class A
EN61000-6-4
- EN55022
- EN61000-3-2
- EN61000-3-3
EMS
EN61000-6-2
- EN61000-4-2 (ESD Standards)
Contact: + / - 6KV
Air: + / - 8KV
- EN61000-4-3 (Radiated RFI Standards)
10V/m, 80 to 1000MHz; 80% AM
- EN61000-4-4 (Burst Standards)
Signal Ports: + / - 4KV
D.C. Power Ports: + / - 4KV
- EN61000-4-5 (Surge Standards)
Signal Ports: + / - 2KV; Line-to-Earth
D.C. Power Ports: + / - 2KV; Line-to-Earth
- EN61000-4-6 (Induced RFI Standards)
Signal Ports: 10Vrms @ 0.15 - 80MHz; 80% AM
D.C. Power Ports: 10Vrms @ 0.15 - 80MHz; 80% AM
- EN61000-4-8 (Magnetic Field Standards)
30A/m @ 50, 60Hz
Environmental
Test
Compliance
IEC60068-2-6 Fc (Vibration Resistance)
5g @ 10 - 150Hz, Amplitude 0.35mm
(Operation/Storage/Transport)
IEC60068-2-27 Ea (Shock)
25g @ 11ms (Half-Sine Shock Pulse; Operation)
50g @ 11ms (Half-Sine Shock Pulse; Storage/Transport)
IEC60068-2-32 Ed (Free Fall)
1M (3.281ft.)
Power
Input
Input Voltage: 12 to 48VDC (Terminal Block);
12VDC (DC Jack)
Power
Consumption
11W Max. 0.92A @ 12VDC, 0.46A @ 24VDC
Overload
Current
Protection
Present
Reverse
Polarity
Protection
Present
Mechanical
Casing
Aluminum case
IP30
Dimensions
60mm (W) x 125mm (D) x 145mm (H)
(2.36" (W) x 4.92" (D) x 5.7" (H))
Weight
1.1Kg (2.42lbs.)
Installation
DIN-Rail (Top hat type35mm), Rack Mount, Wall Mount
Interface
Ethernet Port
10/100BASE-TX: 8, 6 or 4 port
100BASE-FX: 0 to 4 ports
Gigabit: 0, 1 or 2 ports
Console Port
Port: One DB9 RS-232 port
LED Indicators
Per Unit: Power Status (Power 1, Power 2, Power 3)
Per Port: 10/100TX, 100FX/ SFP: Link/Activity, Speed
10/100/1000TX, 1000SX/LX/ SFP: Link/Activity,
Speed
Alarm Contact
one relay output with current 1A @ 24VDC


Similar Part No. - IES-1080

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IES-1080 ORING-IES-1080 Datasheet
938Kb / 4P
   Industrial 8-port unmanaged Ethernet switch
IES-1080A ORING-IES-1080A Datasheet
787Kb / 3P
   Industrial Slim Type 5/8-port unmanaged Ethernet switch
More results

Similar Description - IES-1080

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1081 LVL1-IES-1081 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-1880 LVL1-IES-1880 Datasheet
1Mb / 2P
   16 FE plus 2 GE Managed Switch -40 to 75C, DIN-rail
IES-1090 LVL1-IES-1090 Datasheet
1Mb / 2P
   8 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-1084 LVL1-IES-1084 Datasheet
543Kb / 2P
   8 x 802.3af/at plus 2 GE TX Managed Switch -40 to 75C, DIN-rail
IES-0880 LVL1-IES-0880 Datasheet
227Kb / 2P
   8 GE Managed Switch -40 to 75C, DIN-rail
IES-1070 LVL1-IES-1070 Datasheet
570Kb / 2P
   8 FE plus 2 GE TX Managed Switch -10 to 60C, DIN-rail
IES-1890 LVL1-IES-1890 Datasheet
1Mb / 2P
   16 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-1085 LVL1-IES-1085 Datasheet
1Mb / 2P
   8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-1071 LVL1-IES-1071 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
IES-0881 LVL1-IES-0881 Datasheet
439Kb / 2P
   4 x 802.3af plus 2 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com