Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-4320 Datasheet(PDF) 1 Page - Level One

Part # SFP-4320
Description  8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-4320 Datasheet(HTML) 1 Page - Level One

  SFP-4320 Datasheet HTML 1Page - Level One SFP-4320 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
LevelOne IES-1020 Industry Ethernet Switch provides 8 PoE ports
10/100Base plus 2 port Gigabit Combo SFP to enable high speed
network at mission-critical environment. With the 1U height
rack-mountable size, this switch can be easily installed in the cabinet,
plus the clearly visible status LEDs provide simple monitoring of port link
activity. Moreover, the SFP slots support pluggable modules that
enabling you to choose from a variety of transceivers.
High Reliability
All components are built to withstand harsh environment applications
without compromise where humidity, temperature variation and even
shock vibration are concerns, including Electric & Utility, Critical
Infrastructure, Transportation and Surveillance Security. This device
operates under -40 to 75 Celsius (-40 to 167 Fahrenheit) temperature.
Features
- Provides 8 10/100Base-TX PoE ports and 2 Gigabit/SFP ports
- 4096 MAC addresses
- 2.25M bits bu er memory
- PoE ports can support the IEEE 802.3at standard and power up 30W
devices
- -40°C to 75°C (-40°F to 167°F) operating temperature range
- 1000 Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex,
Auto-Negotiation, Auto-MDI/MDIX
- Alarms for power failure by relay output
- Supports Rack Mounting installation
- Complies with NEMA TS2 Environmental requirements for Trac
control equipment
- Complies with IEC61000-6-2 EMC Generic standard immunity for
Industrial environment
- UL508
Safety
This device has been tested under UL508 standard for Industrial Control
Equipment to endurance under test turn on and o 6,000 times while
loaded, with no single failure; also with NEMA (National Manufacturers
Association) TS2 Environmental certied for the Trac Control
Equipment that withstand extreme temperatures, operating voltage and
humidity uctuation, vibration and shock commonly experienced in
severe outdoor environments.
Redundancy
This redundant power system is designed to meet the challenge of
power failure to ensure reliability and constant availability. Single power
design works ne in non-critical network applications, but it falls short
drastically for network applications in transportation, automate
production or banking.
Power over Ethernet
This switch is Power Sourcing Equipment (PSE), and it is fully complied
with IEEE 802.3at PoE standard at maximum 30W power budget per
port. It helps to save infrastructure wiring costs dramatically by
eliminating electric wiring and less UPS needed. Also, it is compatible
with IEEE802.3af standard PD devices.
Plug & Play
This unmanaged Industrial Ethernet Switch is designed for the
demanding industrial environments at businesses in need of instant
connectivity with no setup or congure required, truly plug and play.
Diagrams
Unit: mm
Side
Top
Back
Front
IES-1020
8 x 802.3at + 2GE SFP Combo Unmanaged Switch -40 to 75C
205
442
44


Similar Part No. - SFP-4320

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-4320 LVL1-SFP-4320 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
SFP-4320 LVL1-SFP-4320 Datasheet
525Kb / 2P
   6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
SFP-4320 LVL1-SFP-4320 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
SFP-4320 LVL1-SFP-4320 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
SFP-4320 LVL1-SFP-4320 Datasheet
1Mb / 2P
   8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
More results

Similar Description - SFP-4320

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1420 LVL1-IES-1420 Datasheet
636Kb / 2P
   12 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
IES-1820 LVL1-IES-1820 Datasheet
514Kb / 2P
   16 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
IES-1881 LVL1-IES-1881 Datasheet
432Kb / 2P
   16 x 802.3at plus 2 GE TX/1000LX Combo Managed Switch -40 to 75C
IES-0882 LVL1-IES-0882 Datasheet
442Kb / 2P
   4 x 802.3at plus 4 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
IES-0521 LVL1-IES-0521 Datasheet
522Kb / 2P
   4 x 802.3af plus 1 FE Unmanaged Switch -40 to 75C, Desktop
IES-0852 LVL1-IES-0852 Datasheet
645Kb / 2P
   4 x 802.3at plus 4 FE Web Smart Switch -40 to 75C, DIN-rail
IES-0821 LVL1-IES-0821 Datasheet
603Kb / 2P
   4 x 802.3af plus 4 FE Unmanaged Switch -40 to 75C, DIN-rail
IES-1085 LVL1-IES-1085 Datasheet
1Mb / 2P
   8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-1090 LVL1-IES-1090 Datasheet
1Mb / 2P
   8 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-1081 LVL1-IES-1081 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com