Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-4240 Datasheet(PDF) 2 Page - Level One

Part # SFP-4240
Description  6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-4240 Datasheet(HTML) 2 Page - Level One

  SFP-4240 Datasheet HTML 1Page - Level One SFP-4240 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
IES-0823
- 6GE+2SFPUnmanagedSwitch-40to75C,DIN-rail
Specications
Optional Accessories
SFP-4200 - 1.25G MMF SFP Transceiver (550m, 850nm, -20 to 85C)
SFP-4210 - 1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
SFP-4240 - 1.25G SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
SFP-4270 - 1.25G SMF SFP Transceiver (70km, 1550nm, -40 to 85C)
SFP-4310 - 1.25G BIDI SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
SFP-4320 - 1.25G BIDI SMF SFP Transceiver (10km, 1550nm, -40 to 85C)
SFP-4330 - 1.25G BIDI SMF SFP Transceiver (20km, 1310nm, -40 to 85C)
SFP-4340 - 1.25G BIDI SMF SFP Transceiver (20km, 1550nm, -40 to 85C)
SFP-4350 - 1.25G BIDI SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
SFP-4360 - 1.25G BIDI SMF SFP Transceiver (40km, 1550nm, -40 to 85C)
SFP-4370 - 1.25G BIDI SMF SFP Transceiver (60km, 1310nm, -40 to 85C)
SFP-4380 - 1.25G BIDI SMF SFP Transceiver (60km, 1550nm, -40 to 85C)
Package Contents
IES-0823
Quick Installation Guide
www.level1.com
one world_one brand_one level_
Technology
Standards
IEEE802.3 10BASE-T, 802.3u 100BASE -TX/FX,
802.3ab 1000BASE-T, 802.3z 1000BASE-SX/LX,
IEEE802.3x
Forward and
Filtering Rate
14,880pps for 10Mbps
148,810pps for 100Mbps
1,488,100pps for 1000Mbps
Packet Buffer
Memory
1.125M bits
Processing
Type
Store-and-Forward
Half-duplex back-pressure and IEEE802.3x full-duplex
flow control
Address Table
Size
8192 MAC addresses
Environment
Operating
Temperature
-20°C to 60°C (-4°F to 140°F)
Tested @ -30°C to 70°C (-22°F to 158°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Ambient
Relative
Humidity
5% to 95% (non-condensing)
Regulatory Approvals
ISO
Manufactured in an ISO9001 facility
Safety
UL508
EMI
FCC Part 15, Class A, VCCI
EN61000-6-3
- EN55022
- EN61000-3-2
- EN61000-3-3
EMS
EN61000-6-2
- EN61000-4-2 (ESD Standards)
Contact: + / - 4KV
Air: + / - 8KV
- EN61000-4-3 (Radiated RFI Standards)
10V/m, 80 to 1000MHz; 80% AM
3V/m, 1400 to 2000MHz; 80% AM
1V/m, 2000 to 2700MHz; 80% AM
- EN61000-4-4 (Burst Standards)
Signal Ports: + / - 4KV
D.C. Power Ports: + / - 4KV
- EN61000-4-5 (Surge Standards)
Signal Ports: + / - 1KV; Line-to-Line
D.C. Power Ports: + / - 0.5KV; Line-to-Earth
- EN61000-4-6 (Induced RFI Standards)
Signal Ports: 10Vrms @ 0.15 - 80MHz; 80% AM
D.C. Power Ports: 10Vrms @ 0.15 - 80MHz; 80% AM
- EN61000-4-8 (Magnetic Field Standards)
30A/m @ 50, 60Hz
Environmental
Test
Compliance
IEC60068-2-6 Fc (Vibration Resistance)
5g @ 10 - 150Hz, Amplitude 0.35mm
(Operation/Storage/Transport)
IEC60068-2-27 Ea (Shock)
25g @ 11ms (Half-Sine Shock Pulse; Operation)
50g @ 11ms (Half-Sine Shock Pulse; Storage/Transport)
IEC60068-2-32 Ed (Free Fall)
1M (3.281ft.)
Power
Input
Input Voltage: 12 to 32VDC (Terminal Block);
12VDC (DC Jack)
Power
Consumption
6.7W Max. 0.52A @ 12VDC, 0.26A @ 24VDC
Overload
Current
Protection
Present
Reverse
Polarity
Protection
Present
Mechanical
Casing
Aluminum case
IP30
Dimensions
68mm (W) x 110mm (D) x 135mm (H)
(2.68" (W) x 4.33" (D) x 5.31" (H))
Weight
0.8Kg (1.761lbs.)
Installation
DIN-Rail (Top hat type 35mm), Panel Mounting
Interface
Ethernet Port
Gigabit: 8 ports (2 Fiber combo ports included)
LED Indicators
Per Unit: Power Status (Power 1, Power 2, Power 3)
Per Port: Link/Activity (Green: 10/100Mbps, Orange:
1000Mbps)
Alarm Contact
One relay output with current 1A @ 24VDC


Similar Part No. - SFP-4240

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-4240 LVL1-SFP-4240 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
SFP-4240 LVL1-SFP-4240 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
SFP-4240 LVL1-SFP-4240 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
SFP-4240 LVL1-SFP-4240 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
SFP-4240 LVL1-SFP-4240 Datasheet
1Mb / 2P
   8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
More results

Similar Description - SFP-4240

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1071 LVL1-IES-1071 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
IES-1870 LVL1-IES-1870 Datasheet
672Kb / 2P
   16 FE plus 2 GE Managed Switch -10 to 60C, DIN-rail
IES-1070 LVL1-IES-1070 Datasheet
570Kb / 2P
   8 FE plus 2 GE TX Managed Switch -10 to 60C, DIN-rail
IES-1081 LVL1-IES-1081 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-0811 LVL1-IES-0811 Datasheet
583Kb / 2P
   4 x 802.3af plus 4 FE Unmanaged Switch -10 to 60C, DIN-rail
GSW-5150 LVL1-GSW-5150 Datasheet
628Kb / 2P
   48 FE plus 2 GE plus 1 GE SFP Switch
IES-1085 LVL1-IES-1085 Datasheet
1Mb / 2P
   8 x 802.3af/at plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-1890 LVL1-IES-1890 Datasheet
1Mb / 2P
   16 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-1090 LVL1-IES-1090 Datasheet
1Mb / 2P
   8 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-0831 LVL1-IES-0831 Datasheet
533Kb / 2P
   6 FE plus 2 MM SC Unmanaged Switch -40 to 75, DIN-rail, IEC61850
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com