Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-3711 Datasheet(PDF) 2 Page - Level One

Part # SFP-3711
Description  20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-3711 Datasheet(HTML) 2 Page - Level One

  SFP-3711 Datasheet HTML 1Page - Level One SFP-3711 Datasheet HTML 2Page - Level One SFP-3711 Datasheet HTML 3Page - Level One SFP-3711 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3
L2 Managed GE
www.level1.com
I one world_one brand_one level_
Standard Compliance
IEEE 802.3 10-BASE-T (Ethernet)
IEEE 802.3u 100-BASE-TX (Fast Ethernet)
IEEE 802.3ab 1000BASE-T (Gigabit Ethernet)
IEEE 802.1D MAC Bridges
IEEE802.1p priority tags
IEEE802.1Q VLAN
IEEE802.3ac VLAN tagging
IEEE802.3ad Link aggregation control protocol
IEEE802.1w Fast Spanning Tree
IEEE802.1X authentication
IEEE 802.3af Power over Ethernet
IEEE 802.3at Power over Ethernet Plus
IEEE802.3az Energy Efficient Ethernet
Performance
Switching Capacity:
- 128 Gbps switching fabric with up to 95 Mbps forwarding
rates
- 8K MAC addresses entries with auto-learning function
- Supports Jumbo frame, up to 9.8K
- Prevents traffic on a LAN from being disrupted by a broadcast,
multicast, or unicast storm on a port
- Port Mirroring
Network Interface
- 20 x RJ-45 10/100/1000BASE-T PoE-Plus ports
- 4x Gigabit RJ-45/SFP (Mini-GBIC) shared slots
- 4x 10G Gigabit SFP Plus slots
Software
Layer 2 feature
Spanning Tree Protocol:
- IEEE 802.1D Spanning Tree Protocol (STP)
- IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
- IEEE 802.1s Multiple Spanning Tree Protocol (MSTP)
Trunking:
- IEEE 802.3ad Link Aggregation Control Protocol (LACP)
- Trunk groups: 24, up to 12 ports per group
VLAN:
- Support up to 4K VLANS simultaneously (1~4094 VLAN IDs)
- IEEE 802.1q tag-base VLAN
- protocol-based VLAN
- MAC-based VLAN
- Management VLAN
- GVRP Supported
DHCP Relay (Layer 2):
- Relay of DHCP traffic to DHCP server in different VLAN
IGMP Snooping:
- IGMP v1/v2/v3 snooping
- IGMP Queried
- IGMP Proxy
Security
SSH v1/v2 supported
HTTPS/SSL
IEEE 802.1X
Dynamic VLAN assignment
PVE: L2 isolation between clients in the same VLAN
Port based/MAC based/ IP address based security
Radius/Tacacs+ authentication supports
Storm control: Prevents traffic on a LAN from being disrupted
by a broadcast, multicast, or unicast storm on a port
ACLs: Support for up to 512 entries
Technical Specification
QoS
Priority Queues: 8 hardware queues per port
Traffic classification based on IEEE 802.1p CoS, IP Precedence,
DSCP,
Supports Layer 4 TCP/UDP port and ToS classification
Rate Limiting: Ingress policer; egress shaping and rate control
Management
Switch Management:
CLI via console port or Telnet
Web management
SNMP v1, v2c, v3 User-based Security Model (USM)
Firmware & Configuration:
Dual firmware images
Firmware upgrade via web browser (HTTP/HTTPS) and TFTP
server, or console port.
RMON (groups 1, 2, 3 and 9)
Easy Configuration Port (ECP) can configure client’s QoS and
security capabilities.
Single IP management (SIP):
Single IP management for a virtual stack function of up to 32
switches of GTL-2880/GTL-5280/GTP-2880/GTL-1072
UPnP
s-Flow
Event / Error Log / Syslog
LLDP
IPv6 feature:
- IPv6 host mode
- IPv6 stateless address auto-configuration
- Duplicate address detection (DAD)
- ICMP version6
- IPv6 QoS Prioritize IPv6 packets in hardware
Green Ethernet
IEEE 802.3az Energy Efficient function:
Automatically turns off Ethernet port when detecting link
down or Idle of client
Cable length detection:
- Adjusts the signal strength based on the cable length
- Reduces the power consumption for cables shorter
Hardware
LED Indication
System LED, Link/Act, Speed, PoE, Gigabit Port activity LED and
SFP/SFP+ Module LED
Dimension
442mm (W) x 385mm (D) x 44mm (H)
Weight
5.0Kg
Power Supply
100-240 VAC 50~60 Hz, internal, universal
PoE Power Consumption
185 Watts (max)
Temperature
Operating: 0°C ~ 40°C
Storage: -20°C ~ 70°C
Humidity
Operating: 10% ~ 90% (Non-condensing)
Certifications
CE, FCC


Similar Part No. - SFP-3711

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-3711 LVL1-SFP-3711 Datasheet
422Kb / 3P
   1.25G SMF SFP Transceiver, 120km, 1550nm
SFP-3711 LVL1-SFP-3711 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
SFP-3711 LVL1-SFP-3711 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
More results

Similar Description - SFP-3711

ManufacturerPart #DatasheetDescription
logo
Level One
GTL-5280 LVL1-GTL-5280 Datasheet
1Mb / 4P
   L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
GEU-0521 LVL1-GEU-0521 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
GEP-1021 LVL1-GEP-1021 Datasheet
563Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 250W
GEP-1020 LVL1-GEP-1020 Datasheet
562Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 150W
GSW-5150 LVL1-GSW-5150 Datasheet
628Kb / 2P
   48 FE plus 2 GE plus 1 GE SFP Switch
FGP-2412 LVL1-FGP-2412 Datasheet
814Kb / 5P
   24 FE PoE-Plus 2 GE Combo SFP Switch, 480W
IES-0882 LVL1-IES-0882 Datasheet
442Kb / 2P
   4 x 802.3at plus 4 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
IES-0881 LVL1-IES-0881 Datasheet
439Kb / 2P
   4 x 802.3af plus 2 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
logo
Coilcraft lnc.
ETH1-460LB COILCRAFT-ETH1-460LB Datasheet
182Kb / 2P
   PoE Plus Magnetics
POE300F-33L COILCRAFT-POE300F-33L Datasheet
205Kb / 2P
   PoE Plus Transformers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com