Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-3411 Datasheet(PDF) 1 Page - Level One

Part # SFP-3411
Description  20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-3411 Datasheet(HTML) 1 Page - Level One

  SFP-3411 Datasheet HTML 1Page - Level One SFP-3411 Datasheet HTML 2Page - Level One SFP-3411 Datasheet HTML 3Page - Level One SFP-3411 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
20 GE PoE-Plus + 4 GE PoE-Plus
Combo SFP + 4 10GE SFP-Plus L2-Plus
Managed Switch, 185W
GTP-2880
H/W Version: 1
LevelOne GTP-2880 is a Layer 2-Plus Managed switch,
provides 24 x 1000Base-T ports associated with 4 x SFP
(Small Form Factor Pluggable) and 4 x 10 Gigabit SFP
Plus slots. This switch is IEEE802.3af/at compliant, and
provides power and data over a single Ethernet cable
to any PoE device, with a total power budget of 185W,
up to 30W per port. Despite its affordable pricing, the
GTP-2880 is equipped with advanced features such as
Single IP Management which allows users to manage
up to 32 switches under the same web interface,
Easy Configuration Port (ECP), IPv6, IEEE 802.1D/w/
s Spanning Tree, IEEE 802.1X Access Control, IEEE
802.3az Green Ethernet and more. An ideal network
solution for workgroups and edge deployments, or
anyone looking for an affordable and efficient way to
expand their network.
IP Clustered Stacking Solution
With the design and implementation of SIP (Single IP
Management), network administrators are allowed
to virtually stack GEL-1072, GTL-2880, GTP-2880,
and GTL-5280 together and manage them as one
logical unit through a single IP address regardless of
geographical locations of those switches. Comparing
to traditional stacking, IP clustering eliminates the
use of costly cables and connectors. Furthermore, it
minimizes the impact of any single point of failure.
LevelOne Easy Configuration Port (ECP)
Technology
Each switch port can now be fully optimized through
a predefined role and settings which are based on the
type of a device such as an IP camera or a VoIP phone
to be connected to. For instance, even if a surveillance
system integrator who lacks of IT administration skills,
can still easily enables the role and applies settings
like VLAN, QoS, port security and spanning tree to
all connected IP cameras on a single Web UI within a
few minutes. Hence, simplifying network deployment
and ensuring consistent configurations across the
network.
Enhanced Security Measures
We are always committed to providing the highest
level of protection for your network resources against
intrusion attacks and unauthorized access. Delivering
robust access control, each Access Control List
(ACL) consists of up to 512 entries, allowing you to
configure a fine-grained restriction policy based on
frame type, TCP/UDP ports, MAC address and VLAN
ID in order to get deep inspection on your network
traffic. In addition, with the implementation of port-
based authentication (IEEE 802.1X), messages can
be encrypted, therefore preventing intruders from
getting authentication credentials.
Cost Effectiveness and Enhanced Flexibility
Featuring Power over Ethernet Plus (PoE+)
technology (IEEE 802.3at), which nearly doubles the
power delivery comparing to the IEEE 802.3af PoE
technology. Furthermore, it ensures that the power is
used more efficiently due to the maximum power will
only be requested when it is needed. Thus providing
great cost savings by reducing power bills and
eliminating the need for additional power cables and
outlets.
1. LED Indicators
2. Mode Button
3. 10/100/1000Mbps RJ-45 LAN Ports
4. SFP (Mini-GBIC) Slot
1 2
3
4
4
5
6
5. RS-232 Port
6. Power Socket


Similar Part No. - SFP-3411

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-3411 LVL1-SFP-3411 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
More results

Similar Description - SFP-3411

ManufacturerPart #DatasheetDescription
logo
Level One
GTL-5280 LVL1-GTL-5280 Datasheet
1Mb / 4P
   L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
GEU-0521 LVL1-GEU-0521 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
GEP-1021 LVL1-GEP-1021 Datasheet
563Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 250W
GEP-1020 LVL1-GEP-1020 Datasheet
562Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 150W
GSW-5150 LVL1-GSW-5150 Datasheet
628Kb / 2P
   48 FE plus 2 GE plus 1 GE SFP Switch
FGP-2412 LVL1-FGP-2412 Datasheet
814Kb / 5P
   24 FE PoE-Plus 2 GE Combo SFP Switch, 480W
IES-0882 LVL1-IES-0882 Datasheet
442Kb / 2P
   4 x 802.3at plus 4 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
IES-0881 LVL1-IES-0881 Datasheet
439Kb / 2P
   4 x 802.3af plus 2 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
logo
Coilcraft lnc.
ETH1-460LB COILCRAFT-ETH1-460LB Datasheet
182Kb / 2P
   PoE Plus Magnetics
POE300F-33L COILCRAFT-POE300F-33L Datasheet
205Kb / 2P
   PoE Plus Transformers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com