Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSW-4876 Datasheet(PDF) 3 Page - Level One

Part # GSW-4876
Description  50-Port Web Smart Gigabit Ethernet Switch, 2 x SFP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GSW-4876 Datasheet(HTML) 3 Page - Level One

  GSW-4876_16 Datasheet HTML 1Page - Level One GSW-4876_16 Datasheet HTML 2Page - Level One GSW-4876_16 Datasheet HTML 3Page - Level One GSW-4876_16 Datasheet HTML 4Page - Level One GSW-4876_16 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Spanning Tree Protocol:
- IEEE 802.1D Spanning Tree Protocol (STP)
- IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
- STP Auto Edge
Auto-negotiation for port speed and duplex mode
Flow Control:
- IEEE 802.3x for full-duplex mode
- Back-Pressure for half-duplex mode
VLANs:
- Supports 4K IEEE 802.1Q VLANs
- Port-based VLANs
- Voice VLAN
- Private VLAN
Link Aggregation:
- Static Trunk
- IEEE 802.3ad Link Aggregation Control Protocol
- Trunk groups: 25 trunk links: Up to 8 ports
IGMP Snooping:
- IGMP v1/v2/v3 snooping
- IGMP immediate leave
- Supports jumbo frames up to 10 KB
Security:
Port Security: Static and dynamic
EAPOL transparent
MAC authentication
Web authentication
DHCP Snooping
Storm Control:
Prevents traffic on a LAN from being disrupted by a broadcast, multicast, or unicast storm on a port
Access Control:
SSH v1/v2 supported; HTTPS/SSL; IEEE 802.1X Radius/Tacacs+ authentication; Dynamic VLAN
assignment
ACLs: Support for up to 512 entries
Filtering: Port-/MAC-/IP-based security
Management:
Switch Management:
- Web management
- SNMP v1/v2/v3
Firmware and Configuration: Upgrade via TFTP/HTTP
Supports DHCP Client
Supports LLDP (802.1ab) and LLDP-MED
RMON (groups 1, 2, 3, and 9)
Port mirroring: one to one and many to one
Event log: Local flash, syslog, remote server (RFC3164) and
SMTP
(RFC821)
SNTP (IPv4/IPv6)
Loop detection and prevention
UPnP
Cable diagnostics
IPv6 management:
- IPv4/IPv6 dual protocol stack
- IPv6 address types: Unicast/multicast
- IPv6 Ping/tracert
- ICMPv6 and ICMPv6 redirect
www.level1.com
Page 3 of 5


Similar Part No. - GSW-4876_16

ManufacturerPart #DatasheetDescription
logo
Level One
GSW-4876 LVL1-GSW-4876 Datasheet
485Kb / 6P
   48 Gigabit Ethernet ports and 2 Gigabit SFP slots MLD, Telnet, SNMP V1, V2c & V3, RMON, Web Browser, and TFTP Management
More results

Similar Description - GSW-4876_16

ManufacturerPart #DatasheetDescription
logo
Level One
GES-1651 LVL1-GES-1651_16 Datasheet
387Kb / 4P
   16-Port Web Smart Gigabit Ethernet Switch, 2 x SFP/RJ45 Combo
GEL-2461 LVL1-GEL-2461 Datasheet
200Kb / 4P
   24-Port Web Smart Gigabit Switch, 16 x SFP
GES-2451 LVL1-GES-2451 Datasheet
392Kb / 4P
   24-Port Web Smart Gigabit Switch, 4 x SFP/RJ45 Combo
GEU-2429 LVL1-GEU-2429 Datasheet
345Kb / 3P
   26-Port Gigabit Ethernet Switch, 2 x SFP
GEP-2650 LVL1-GEP-2650 Datasheet
94Kb / 3P
   26-Port Web Smart Gigabit PoE Switch, 802.3at PoEplus, 24 PoE Outputs, 370W, 2 x SFP
GEL-2670 LVL1-GEL-2670 Datasheet
421Kb / 5P
   26-Port L2 Managed Gigabit Ethernet Switch, 2 x SFP
logo
Advantech Co., Ltd.
EKI-5729FI-AE ADVANTECH-EKI-5729FI-AE Datasheet
392Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView Switch
EKI-5726FI-AE ADVANTECH-EKI-5726FI-AE Datasheet
495Kb / 2P
   16-port2 SFP Gigabit Ethernet ProView Switch
EKI-5729F-AE ADVANTECH-EKI-5729F-AE Datasheet
392Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView switch
EKI-5726F-AE ADVANTECH-EKI-5726F-AE Datasheet
495Kb / 2P
   16-port2 SFP Gigabit Ethernet ProView Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com