Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-3111 Datasheet(PDF) 2 Page - Level One

Part # SFP-3111
Description  4 GE plus 1 GE SFP Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-3111 Datasheet(HTML) 2 Page - Level One

  SFP-3111 Datasheet HTML 1Page - Level One SFP-3111 Datasheet HTML 2Page - Level One SFP-3111 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.level1.com
I one world_one brand_one level_
Ethernet Switche

Technical Specifications
Product Diagram
Led Indicators
Per Port: Link/Act, 1000M
Per Unit: Power
Power Supply
DC5V 2A for EU and AU
DC5V 2.5A for US and UK
Power Consumption
10 Watts (Max)
Dimensions
130 × 77 × 24 mm (L x W x H)
Weight
0.28 kg
Operating Temperature
0°C ~ 40°C
Storage Temperature
-20°C ~ 90°C
Humidity
10% ~ 90% RH (non-condensing)
Certifications
FCC Class B, CE
Standards
IEEE 802.3 10BaseT
IEEE 802.3u 100BaseTX
IEEE 802.3ab 1000BaseT
IEEE 802.3z 1000BaseSX/LX
IEEE 802.3x Flow Control
Features
Number of Ports: 5 (4-port RJ-45 + 1-port SFP open slot)
MAC Address: 1K
Buffer Memory: 104KB
Jumbo Frames: 9 KB
Transmission Method: Store and Forward
Filtering/Forwarding Rates
1000Mbps port - 1,488,000pps
100Mbps port - 148,800pps
10Mbps port - 14,880pps
Transmission Media
RJ-45:
10BaseT Cat. 3, 4, 5 UTP/STP
100BaseTX Cat. 5 UTP/STP
1000BaseT Cat. 5E UTP/STP
1000BaseSX:
62.5/125μm Multi Mode Fiber optic cable, up to 220 m
50/125μm Multi Mode Fiber optic cable, up to 550 m
1000BaseLX:
9/125μm Single Mode Fiber optic cable
GEU-0521
100Mbps Hub
PC
PC
PC
PC
PC
PC
100Mbps Switch
1000Mbps
File/Web Server
1000Mbps
File/Web Server


Similar Part No. - SFP-3111

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-3111 LVL1-SFP-3111 Datasheet
319Kb / 4P
   1310nm FP LD Single 3.3V Power Supply RoHS Compliant and Lead-free
SFP-3111 LVL1-SFP-3111 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
SFP-3111 LVL1-SFP-3111 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
More results

Similar Description - SFP-3111

ManufacturerPart #DatasheetDescription
logo
Level One
GSW-5150 LVL1-GSW-5150 Datasheet
628Kb / 2P
   48 FE plus 2 GE plus 1 GE SFP Switch
GEP-1021 LVL1-GEP-1021 Datasheet
563Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 250W
GEP-1020 LVL1-GEP-1020 Datasheet
562Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 150W
GTP-2880 LVL1-GTP-2880 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
GTL-5280 LVL1-GTL-5280 Datasheet
1Mb / 4P
   L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
FGP-2412 LVL1-FGP-2412 Datasheet
814Kb / 5P
   24 FE PoE-Plus 2 GE Combo SFP Switch, 480W
logo
Broadcom Corporation.
BCM5388 BOARDCOM-BCM5388 Datasheet
229Kb / 1P
   8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
logo
Level One
IES-0823 LVL1-IES-0823 Datasheet
525Kb / 2P
   6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
IES-1081 LVL1-IES-1081 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-2892 LVL1-IES-2892 Datasheet
839Kb / 2P
   Modularized 24 10/100 plus 4 GE Combo SFP Managed Switch -40 to 75C, IEC61850
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com