Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM-160 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AM-160
Description  Low Noise Amplifier, 28 dB Gain
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-160 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-160_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-160_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-160_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM-160_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Noise Amplifier, 28 dB Gain,
100 - 600 MHz
Rev. V3
AM-160
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 1.6 dB Typical Midband Noise Figure
 +19 dBm Typical 1 dB Compression Point
 +30 dBm Typical Third Order Intercept
Description
M/A-COM’s AM-160 is a coupler feedback amplifier
with high intercept and compression points. The use
of coupler feedback minimizes noise figure and
current in a high intercept amplifier. This amplifier is
packaged in a flatpack with flanges. Due to the metal
flatpack the thermal rise is minimized. The ground
plane on the PC board should be configured to
remove heat from under the package. AM-160 is
ideally suited for use where a high intercept, high
reliability amplifier is required.
FP-9
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings 1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Pin No.
Function
Pin No.
Function
1
RF OUT
6
RF IN
2
GND
7
GND
3
GND
8
GND
4
GND
9
GND
5
VDC
10
VDC
Pin Configuration
Ordering Information
Part Number
Package
AM-160 PIN
Flatpack


Similar Part No. - AM-160_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
More results

Similar Description - AM-160_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain
AM-AMC-AMS-162 MA-COM-AM-AMC-AMS-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain,
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain
AM-153 MA-COM-AM-153_15 Datasheet
411Kb / 3P
   Low Noise Amplifier, 12 dB Gain
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-162 MA-COM-AM-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com