Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6036608 Datasheet(PDF) 3 Page - SICK AG

Part # 6036608
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6036608 Datasheet(HTML) 3 Page - SICK AG

  6036608 Datasheet HTML 1Page - SICK AG 6036608 Datasheet HTML 2Page - SICK AG 6036608 Datasheet HTML 3Page - SICK AG 6036608 Datasheet HTML 4Page - SICK AG 6036608 Datasheet HTML 5Page - SICK AG 6036608 Datasheet HTML 6Page - SICK AG 6036608 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OD2-N85W20A0 | OD Value
DISPLACEMENT MEASUREMENT SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Mechanics/electronics
Supply voltage Vs
DC 12 V ... 24 V 1)
Power consumption
≤ 2.88 W 2)
Warm-up time
≤ 30 min
Housing material
PBT housing with PMMA lens
Connection type
Male connector, M12, 8-pin
Indication
Distance bar graph, up to 8 status LEDs
Weight
70 g
1) DC 12 V (-5 %) ... 24 V (+10 %); DC 18 V (-5 %) ... DC 24 V (+10 %) when using analog voltage output.
2) Without load, with current output.
Ambient data
Enclosure rating
IP 67
Protection class
III
Ambient temperature
Operation: –10 °C ... +40 °C
Storage: –20 °C ... +60 °C
Relative air humidity (non-condensing)
35 % ... 95 %
Temperature drift
± 0.08 % FS/K (FS = Full Scale = Measuring range of sensor)
Typ. Ambient light immunity
Artificial light: ≤ 3,000 lx
Sunlight: ≤ 10,000 lx
Vibration resistance
10 Hz ... 55 Hz (amplitude 1.5 mm, x-, y-, z-axis 2 hours each)
Shock resistance
50 G (x, y, z axis 3 times each)
Dimensional drawing (Dimensions in mm (inch))
OD2-x85W20xx
42.4 (1.67)
3.8 (0.15)
16.1
(0.63)
50 (1.97)
Ø 4.5 (0.18)
2
1
2
4
3
20.4
(0.80)
1
Ø 5.5
(0.22)
①  2 m cable or M12 connector; 90° rotatable
②  Mounting hole, Ø 4.5 mm
③  Optical axis sender
④  Optical axis receiver


Similar Part No. - 6036608

ManufacturerPart #DatasheetDescription
logo
SICK AG
6036600 SICK-6036600 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6036603 SICK-6036603 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6036604 SICK-6036604 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6036607 SICK-6036607 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6036609 SICK-6036609 Datasheet
413Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - 6036608

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com