Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6036574 Datasheet(PDF) 2 Page - SICK AG

Part # 6036574
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6036574 Datasheet(HTML) 2 Page - SICK AG

  6036574 Datasheet HTML 1Page - SICK AG 6036574 Datasheet HTML 2Page - SICK AG 6036574 Datasheet HTML 3Page - SICK AG 6036574 Datasheet HTML 4Page - SICK AG 6036574 Datasheet HTML 5Page - SICK AG 6036574 Datasheet HTML 6Page - SICK AG 6036574 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
OD2-N30W04C0 | OD Value
DISPLACEMENT MEASUREMENT SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
OD2-N30W04C0
6036574
Other models and accessories
www.sick.com/OD_Value
Detailed technical data
Performance
Measuring range
26 mm ... 34 mm, 6 % ... 90 % remission
Resolution
2 µm 1)
Repeatability
6 µm 2) 1) 3) 4)
Linearity
± 8 µm 1) 5) 4) 6)
Response time
1 ms / 10 ms / 35 ms 7)
Measuring frequency
2 kHz
Light source
Laser, red
Laser class
2 (EN 60825-1) 8)
Typ. light spot size (distance)
0.1 mm x 0.1 mm (30 mm)
Additional function
Mean-value setting 1 … 64x, automatic sensitivity adjustment, Teach-in of switching output, In-
vertable switching output, multifunctional input: laser-off / external teach-in / trigger, switching
mode: distance to object (DtO), switching mode: window (Wnd)
1) At averaging function medium.
2) 6 % ... 90 % remission.
3) Constant ambient conditions.
4) For best performance consider warm up time ≤ 5 minutes.
5) Measurement on 90 % remission (ceramic, white)
6) When calibrated in the application regularly.
7) Automatic sensitivity adjustment ≤ 4 ms, 6 ms for the models with measuring range of 100 mm ... 400 mm.
8) Wavelength: 655 nm, max. output: 1 mW.
Interfaces
Switching output
2 x NPN (100 mA) 1)
Multifunctional input (MF)
1 x MF 2)
1) PNP: HIGH = VS - (< 2 V) / LOW = < 2 V; NPN: HIGH = < 2 V / LOW = VS.
2) MF can be used as laser-off, trigger, external teach-in, or deactivated; response time ≤ 3 ms.


Similar Part No. - 6036574

ManufacturerPart #DatasheetDescription
logo
SICK AG
6036570 SICK-6036570 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6036571 SICK-6036571 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6036572 SICK-6036572 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6036575 SICK-6036575 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6036576 SICK-6036576 Datasheet
413Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - 6036574

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com