Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431CIZ Datasheet(PDF) 4 Page - Texas Instruments

Part # LM431CIZ
Description  Adjustable Precision Zener Shunt Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM431CIZ Datasheet(HTML) 4 Page - Texas Instruments

  LM431CIZ Datasheet HTML 1Page - Texas Instruments LM431CIZ Datasheet HTML 2Page - Texas Instruments LM431CIZ Datasheet HTML 3Page - Texas Instruments LM431CIZ Datasheet HTML 4Page - Texas Instruments LM431CIZ Datasheet HTML 5Page - Texas Instruments LM431CIZ Datasheet HTML 6Page - Texas Instruments LM431CIZ Datasheet HTML 7Page - Texas Instruments LM431CIZ Datasheet HTML 8Page - Texas Instruments LM431CIZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LM431
SNVS020H – MAY 2000 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Cathode voltage
37
V
Reference voltage
–0.5
V
Continuous cathode current
–10
150
mA
Reference input current
10
mA
TO-92 package
0.78
W
Internal power
SOIC package
0.81
W
dissipation(3)(4)
SOT-23 package
0.28
W
Industrial (LM431xI)
–40
85
°C
Operating temperature
Commercial (LM431xC)
0
70
°C
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
TJ Max = 150°C.
(4)
Ratings apply to ambient temperature at 25°C. Above this temperature, derate the TO-92 at 6.2 mW/°C, the SOIC at 6.5 mW/°C, the
SOT-23 at 2.2 mW/°C.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Cathode voltage
VREF
37
V
Cathode current
1
100
mA
6.4 Thermal Information
LM431
THERMAL METRIC(1)
D (SOIC)
DBZ (SOT-23)
LP (TO-92)
UNIT
8 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
126.9
267.7
162.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
72.2
138.3
85.8
°C/W
RθJB
Junction-to-board thermal resistance
67.5
61
°C/W
ψJT
Junction-to-top characterization parameter
21.1
21.5
29.4
°C/W
ψJB
Junction-to-board characterization parameter
67
60.1
141.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM431


Similar Part No. - LM431CIZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431CIZ FAIRCHILD-LM431CIZ Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
National Semiconductor ...
LM431CIZ NSC-LM431CIZ Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
LM431CIZ NSC-LM431CIZ Datasheet
870Kb / 13P
   Adjustable Precision Zener Shunt Regulator
logo
Fairchild Semiconductor
LM431CIZ FAIRCHILD-LM431CIZ Datasheet
135Kb / 12P
   Programmable Shunt Regulator
logo
Texas Instruments
LM431CIZ/LFT1 TI1-LM431CIZ/LFT1 Datasheet
1Mb / 23P
[Old version datasheet]   LM431 Adjustable Precision Zener Shunt Regulator
More results

Similar Description - LM431CIZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com