Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2852XMXAX-1.2 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2852XMXAX-1.2
Description  Synchronous Simple Switcher Buck Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852XMXAX-1.2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2852XMXAX-1.2 Datasheet HTML 5Page - Texas Instruments LM2852XMXAX-1.2 Datasheet HTML 6Page - Texas Instruments LM2852XMXAX-1.2 Datasheet HTML 7Page - Texas Instruments LM2852XMXAX-1.2 Datasheet HTML 8Page - Texas Instruments LM2852XMXAX-1.2 Datasheet HTML 9Page - Texas Instruments LM2852XMXAX-1.2 Datasheet HTML 10Page - Texas Instruments LM2852XMXAX-1.2 Datasheet HTML 11Page - Texas Instruments LM2852XMXAX-1.2 Datasheet HTML 12Page - Texas Instruments LM2852XMXAX-1.2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
40
50
60
70
80
90
100
PVIN = 3.3V
PVIN = 5.0V
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
50
60
70
80
90
100
110
120
130
PVIN = 3.3V
PVIN = 5.0V
LM2852
www.ti.com
SNVS325E – JANUARY 2005 – REVISED JANUARY 2016
6.8 LM2852 Typical Characteristics (Both Y and X Versions)
Figure 9. NMOS Switch RDSON vs Temperature
Figure 10. PMOS Switch RDSON vs Temperature
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2852


Similar Part No. - LM2852XMXAX-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852XMXAX-1.2 NSC-LM2852XMXAX-1.2 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852XMXAX-1.2 NSC-LM2852XMXAX-1.2 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

Similar Description - LM2852XMXAX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com