Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3243H Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3243H
Description  High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243H Datasheet(HTML) 2 Page - Sipex Corporation

  SP3243H Datasheet HTML 1Page - Sipex Corporation SP3243H Datasheet HTML 2Page - Sipex Corporation SP3243H Datasheet HTML 3Page - Sipex Corporation SP3243H Datasheet HTML 4Page - Sipex Corporation SP3243H Datasheet HTML 5Page - Sipex Corporation SP3243H Datasheet HTML 6Page - Sipex Corporation SP3243H Datasheet HTML 7Page - Sipex Corporation SP3243H Datasheet HTML 8Page - Sipex Corporation SP3243H Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Rev. 6/30/03
SP3223H +3.0V to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
2
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
C
D
,
t
n
e
r
r
u
C
y
l
p
p
u
S
e
n
il
n
O
-
o
t
u
A
0
.
10
1
µA
,
D
N
G
=
E
N
I
L
N
O
,
n
e
p
o
N
I
x
R
ll
A
V
=
N
W
O
D
T
U
H
S
C
C ,
V
C
C
T
,
V
3
.
3
+
=
B
M
A
C
°
5
2
+
=
n
w
o
d
t
u
h
S
,
t
n
e
r
r
u
C
y
l
p
p
u
S0
.
10
1
µA
,
D
N
G
=
N
W
O
D
T
U
H
S
V
C
C
T
,
V
3
.
3
+
=
B
M
A
C
°
5
2
+
=
,
t
n
e
r
r
u
C
y
l
p
p
u
S
e
n
il
n
O
-
o
t
u
A
d
e
l
b
a
s
i
D
3
.
00
.
1A
mV
=
N
W
O
D
T
U
H
S
=
E
N
I
L
N
O
C
C ,
V
,
d
a
o
l
o
n
C
C
T
,
V
3
.
3
+
=
B
M
A
C
°
5
2
+
=
S
T
U
P
T
U
O
R
E
V
I
E
C
E
R
D
N
A
S
T
U
P
N
I
C
I
G
O
L
d
l
o
h
s
e
r
h
T
c
i
g
o
L
t
u
p
n
I
W
O
L
H
G
I
H0
.
2
8
.
0V
V
C
C
,
N
I
x
T
,
V
0
.
5
+
r
o
V
3
.
3
+
=
(
N
E
H
3
2
2
3
P
S
,
E
N
I
L
N
O
,
)
N
W
O
D
T
U
H
S
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I+
1
0
.
0+ 0
.
1
µA
,
N
W
O
D
T
U
H
S
,
E
N
I
L
N
O
,
N
E
,
N
I
x
T
T
B
M
A
C
°
5
2
+
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O+
5
0
.
0+ 0
1
µA
d
e
l
b
a
s
i
d
s
r
e
v
i
e
c
e
R
W
O
L
e
g
a
t
l
o
V
t
u
p
t
u
O4
.
0V
I
T
U
O
A
m
6
.
1
=
H
G
I
H
e
g
a
t
l
o
V
t
u
p
t
u
OV
C
C
6
.
0
-V
C
C
1
.
0
-V
I
T
U
O
A
m
0
.
1
-
=
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC.......................................................-0.3V to +6.0V
V+ (NOTE 1).......................................-0.3V to +7.0V
V- (NOTE 1)........................................+0.3V to -7.0V
V+ + |V-| (NOTE 1)...........................................+13V
I
CC (DC VCC or GND current).........................+100mA
Input Voltages
TxIN, ONLINE,
SHUTDOWN, EN (SP3223H).................-0.3V to +6.0V
RxIN...................................................................+15V
Output Voltages
TxOUT...............................................................+15V
RxOUT, STATUS.......................-0.3V to (V
CC + 0.3V)
Short-Circuit Duration
TxOUT.....................................................Continuous
Storage Temperature......................-65°C to +150°C
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX.
Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
SPECIFICATIONS
Power Dissipation per package
20-pin PDIP (derate 16.0mW/oC above+70oC).....1300mW
20-pin SSOP (derate 9.25mW/oC above +70oC)....750mW
20-pin TSSOP (derate 11.1mW/oC above +70oC)..900mW
28-pin SOIC (derate 12.7mW/oC above +70oC)....1000mW
28-pin SSOP (derate 11.2mW/oC above +70oC).....900mW


Similar Part No. - SP3243H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3243 SIPEX-SP3243 Datasheet
165Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243 SIPEX-SP3243 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3243B SIPEX-SP3243B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243BCA SIPEX-SP3243BCA Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243BCR SIPEX-SP3243BCR Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3243H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223EH SIPEX-SP3223EH Datasheet
230Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EU SIPEX-SP3223EU Datasheet
178Kb / 25P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223U SIPEX-SP3223U Datasheet
288Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EH SIPEX-SP3223EH Datasheet
230Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com