Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3243EU Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3243EU
Description  High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243EU Datasheet(HTML) 4 Page - Sipex Corporation

  SP3243EU Datasheet HTML 1Page - Sipex Corporation SP3243EU Datasheet HTML 2Page - Sipex Corporation SP3243EU Datasheet HTML 3Page - Sipex Corporation SP3243EU Datasheet HTML 4Page - Sipex Corporation SP3243EU Datasheet HTML 5Page - Sipex Corporation SP3243EU Datasheet HTML 6Page - Sipex Corporation SP3243EU Datasheet HTML 7Page - Sipex Corporation SP3243EU Datasheet HTML 8Page - Sipex Corporation SP3243EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Date: 06/28/04
SP3223EU/3243EU +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
4
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 1000kbps data rate, all drivers
loaded with 3k
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
Figure 2. Transmitter Output Voltage VS. Supply
Voltage for the SP3223EU
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
6
4
2
0
-2
-4
-6
1Driver at 1Mbps
Other Drivers at 62.5Kbps
All Drivers Loaded with 3K // 250pF
Figure 6. Transmitter Output Voltage VS. Supply
Voltage for the SP3223EU
0
250
500
1000
1500
Load Capacitance (pF)
35
30
25
20
15
10
5
0
T1 at 1Mbps
T2 at 62.5Kbps
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
6
4
2
0
-2
-4
-6
T1 at 1Mbps
T2 at 62.5Kbps
All Drivers loaded
with 3K//250pF
Figure 1. Transmitter Skew VS. Load Capacitance for
the 3223EU / 3243EU
0
250
500
1000
1500
2000
200
150
100
50
0
Load Capacitance (pF)
T1 at 500Kbps
T2 at 31.2Kbps
All TX loaded 3K // CLoad
Figure 3. Transmitter Output Voltage VS. Load
Capacitance for the SP3223EU
Figure 5. Supply Current VS. Supply Voltage for the
SP3223EU
0
250
500
1000
1500
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
T1 at 1Mbps
T2 at 62.5Kbps
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
20
15
10
5
0
T1 at 1Mbps
T2 at 62.5Kbps
All Drivers loaded
with 3K//250pF
Figure 4. Supply Current VS. Load Capacitance for the
SP3223EU
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - SP3243EU

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243EUCA-L EXAR-SP3243EUCA-L Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EUCA-L EXAR-SP3243EUCA-L Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EUCA-L EXAR-SP3243EUCA-L Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EUCA-L/TR EXAR-SP3243EUCA-L/TR Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EUCT-L EXAR-SP3243EUCT-L Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3243EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223EH SIPEX-SP3223EH Datasheet
230Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223H SIPEX-SP3223H Datasheet
164Kb / 23P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223U SIPEX-SP3223U Datasheet
288Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EH SIPEX-SP3223EH Datasheet
230Kb / 24P
   High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com