Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18563Q5AT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18563Q5AT
Description  N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18563Q5AT Datasheet(HTML) 3 Page - Texas Instruments

  CSD18563Q5AT Datasheet HTML 1Page - Texas Instruments CSD18563Q5AT Datasheet HTML 2Page - Texas Instruments CSD18563Q5AT Datasheet HTML 3Page - Texas Instruments CSD18563Q5AT Datasheet HTML 4Page - Texas Instruments CSD18563Q5AT Datasheet HTML 5Page - Texas Instruments CSD18563Q5AT Datasheet HTML 6Page - Texas Instruments CSD18563Q5AT Datasheet HTML 7Page - Texas Instruments CSD18563Q5AT Datasheet HTML 8Page - Texas Instruments CSD18563Q5AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CSD18563Q5A
www.ti.com
SLPS444C – JULY 2013 – REVISED JANUARY 2016
Product Folder Links: CSD18563Q5A
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
60
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 48 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.7
2.0
2.4
V
RDS(on)
Drain-to-source on resistance
VGS = 4.5 V, ID = 18 A
8.6
10.8
m
VGS = 10 V, ID = 18 A
5.7
6.8
m
gfs
Transconductance
VDS = 30 V, ID = 18 A
60
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 30 V, ƒ = 1 MHz
1150
1500
pF
Coss
Output capacitance
280
364
pF
Crss
Reverse transfer capacitance
3.9
5.1
pF
RG
Series gate resistance
1.5
3.0
Qg
Gate charge total (4.5 V)
VDS = 30 V, ID = 18 A
7.3
9.5
nC
Qg
Gate charge total (10 V)
15
20
Qgd
Gate charge gate-to-drain
2.9
nC
Qgs
Gate charge gate-to-source
3.3
nC
Qg(th)
Gate charge at Vth
2.3
nC
Qoss
Output charge
VDS = 30 V, VGS = 0 V
36
nC
td(on)
Turn on delay time
VDS = 30 V, VGS = 10 V, IDS = 18 A, RG = 0 Ω
3.2
ns
tr
Rise time
6.3
ns
td(off)
Turn off delay time
11.4
ns
tf
Fall time
1.7
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 18 A, VGS = 0 V
0.8
1
V
Qrr
Reverse recovery charge
VDS= 30 V, IF = 18 A, di/dt = 300 A/μs
63
nC
trr
Reverse recovery time
49
ns
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inch × 1.5 inch (3.81 cm ×
3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance(1)
1.3
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
50


Similar Part No. - CSD18563Q5AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18563Q5AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com