Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17551Q3A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17551Q3A
Description  N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17551Q3A Datasheet(HTML) 3 Page - Texas Instruments

  CSD17551Q3A Datasheet HTML 1Page - Texas Instruments CSD17551Q3A Datasheet HTML 2Page - Texas Instruments CSD17551Q3A Datasheet HTML 3Page - Texas Instruments CSD17551Q3A Datasheet HTML 4Page - Texas Instruments CSD17551Q3A Datasheet HTML 5Page - Texas Instruments CSD17551Q3A Datasheet HTML 6Page - Texas Instruments CSD17551Q3A Datasheet HTML 7Page - Texas Instruments CSD17551Q3A Datasheet HTML 8Page - Texas Instruments CSD17551Q3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD17551Q3A
www.ti.com
SLPS386B – SEPTEMBER 2012 – REVISED JANUARY 2016
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.1
1.6
2.1
V
VGS = 4.5 V, ID = 11 A
9.6
11.8
m
RDS(on)
Drain-to-source on-resistance
VGS = 10 V, ID = 11 A
7.8
9
m
gfs
Transconductance
VDS = 15 V, ID = 11 A
101
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
1050
1370
pF
Coss
Output capacitance
VGS = 0 V, VDS = 15 V, ƒ = 1 MHz
244
317
pF
Crss
Reverse transfer capacitance
24
31
pF
RG
Series gate resistance
1.5
3
Qg
Gate charge total (4.5 V)
6
7.8
nC
Qgd
Gate charge gate to drain
1.5
nC
VDS = 15 V, ID = 11 A
Qgs
Gate charge gate to source
2.3
nC
Qg(th)
Gate charge at Vth
1.4
nC
Qoss
Output charge
VDS = 15 V, VGS = 0 V
7.4
nC
td(on)
Turn on delay time
8
ns
tr
Rise time
24
ns
VDS = 15 V, VGS = 4.5 V,
IDS = 11 A, RG = 2 Ω
td(off)
Turn off delay time
12
ns
tf
Fall time
3.4
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 11 A, VGS = 0 V
0.8
1
V
Qrr
Reverse recovery charge
13
nC
VDS= 13.5 V, IF = 11 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
14
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance(1)
3.9
°C/W
RθJA
Junction-to-ambient thermal resistance (1)(2)
60
°C/W
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inches × 1.5 inches
(3.81 cm × 3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD17551Q3A


Similar Part No. - CSD17551Q3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD17551Q3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com