Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17551Q3A Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD17551Q3A
Description  N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17551Q3A Datasheet(HTML) 4 Page - Texas Instruments

  CSD17551Q3A_16 Datasheet HTML 1Page - Texas Instruments CSD17551Q3A_16 Datasheet HTML 2Page - Texas Instruments CSD17551Q3A_16 Datasheet HTML 3Page - Texas Instruments CSD17551Q3A_16 Datasheet HTML 4Page - Texas Instruments CSD17551Q3A_16 Datasheet HTML 5Page - Texas Instruments CSD17551Q3A_16 Datasheet HTML 6Page - Texas Instruments CSD17551Q3A_16 Datasheet HTML 7Page - Texas Instruments CSD17551Q3A_16 Datasheet HTML 8Page - Texas Instruments CSD17551Q3A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GATE
Source
DRAIN
M0161-01
GATE
Source
DRAIN
M0161-02
CSD17551Q3A
SLPS386B – SEPTEMBER 2012 – REVISED JANUARY 2016
www.ti.com
Max RθJA = 60°C/W
Max RθJA = 144°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of
minimum pad area of 2
2 oz. (0.071 mm thick)
oz. (0.071 mm thick)
Cu.
Cu.
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
4
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: CSD17551Q3A


Similar Part No. - CSD17551Q3A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD17551Q3A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com