Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27621YZFR-G1A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27621YZFR-G1A
Description  System-Side Fuel Gauge With Dynamic Voltage Correlation
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27621YZFR-G1A Datasheet(HTML) 1 Page - Texas Instruments

  BQ27621YZFR-G1A Datasheet HTML 1Page - Texas Instruments BQ27621YZFR-G1A Datasheet HTML 2Page - Texas Instruments BQ27621YZFR-G1A Datasheet HTML 3Page - Texas Instruments BQ27621YZFR-G1A Datasheet HTML 4Page - Texas Instruments BQ27621YZFR-G1A Datasheet HTML 5Page - Texas Instruments BQ27621YZFR-G1A Datasheet HTML 6Page - Texas Instruments BQ27621YZFR-G1A Datasheet HTML 7Page - Texas Instruments BQ27621YZFR-G1A Datasheet HTML 8Page - Texas Instruments BQ27621YZFR-G1A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SCL
Bus
SDA
GPOUT
BIN
CPU
ADC
PACKP
Li-Ion
Cell
LDO
VDD
VSS
T
PACKN
Protection
IC
NFET NFET
1.8 V
BAT
Battery Pack
I2C
0.47 µF
1 µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq27621-G1
SLUSBB3E – DECEMBER 2013 – REVISED JANUARY 2016
bq27621-G1 System-Side Fuel Gauge With Dynamic Voltage Correlation
1 Features
3 Description
The Texas Instruments bq27621-G1 is a minimally
1
Single-Cell Li-Ion Battery Fuel Gauge
configured microcontroller peripheral that provides
Resides on System Board
system-side
fuel
gauging
for
single-cell
Li-Ion
Supports Embedded or Removable Batteries
batteries.
The
device
requires
very
little
user
configuration and system microcontroller firmware
Powered Directly from Battery with Integrated
development.
LDO
The
bq27621-G1
uses
the
Dynamic
Voltage
Easy To Configure Fuel Gauging Based on the
Correlation algorithm for fuel gauging. This process
Dynamic Voltage Correlation Algorithm
eliminates the need for a sense resistor when
Reports Remaining Capacity and State of
calculating remaining battery capacity (mAh), state-
Charge (SOC) with Smoothing Filter
of-charge (%), battery voltage (mV), and temperature
Automatically Adjusts for Self-Discharge,
(°C).
Temperature, and Rate Changes
Battery fuel gauging with the bq27621-G1 requires
Microcontroller Peripheral Supports:
connections only to PACK+ (P+) and PACK– (P–) for
400-kHz I2C Serial Interface
a removable battery pack or embedded battery
circuit. The tiny 9-pin, 1.62 mm × 1.58 mm, 0.5 mm
Configurable SOC Interrupt or
pitch YZF package is ideal for space-constrained
Battery Low Digital Output Warning
applications.
Internal Temperature Sensor or
Host Reported Temperature
Device Information(1)
Support 4.2-V, 4.3-V, and 4.35-V Chemistries
PART NUMBER
PACKAGE
BODY SIZE (NOM)
9-pin 1.62 × 1.58 mm, 0.5 mm pitch YZF package
BQ27621-G1
YZF (9)
1.62 mm × 1.58 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the datasheet.
Smartphones, Feature Phones, and Tablets
Digital Still and Video Cameras
Handheld Terminals
MP3 or Multimedia Players
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ27621YZFR-G1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27621YZFR-G1A TI1-BQ27621YZFR-G1A Datasheet
833Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Dynamic Voltage Correlation
More results

Similar Description - BQ27621YZFR-G1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27621-G1 TI1-BQ27621-G1 Datasheet
833Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Dynamic Voltage Correlation
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com